Electronic Components Datasheet Search
  English  ▼

X  

AD7829BN Datasheet(PDF) 16 Page - Analog Devices

Part # AD7829BN
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7829BN Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7829BN Datasheet HTML 12Page - Analog Devices AD7829BN Datasheet HTML 13Page - Analog Devices AD7829BN Datasheet HTML 14Page - Analog Devices AD7829BN Datasheet HTML 15Page - Analog Devices AD7829BN Datasheet HTML 16Page - Analog Devices AD7829BN Datasheet HTML 17Page - Analog Devices AD7829BN Datasheet HTML 18Page - Analog Devices AD7829BN Datasheet HTML 19Page - Analog Devices AD7829BN Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7822/AD7825/AD7829
Rev. C | Page 16 of 28
Mode 2 Operation (Automatic Power-Down)
When the AD7822/AD7825/AD7829 are operated in Mode 2
(see Figure 25), they automatically power down at the end of
a conversion. The CONVST signal is brought low to initiate
a conversion and is left logic low until after the EOC goes high,
that is, approximately 100 ns after the end of the conversion.
The state of the CONVST signal is sampled at this point (that is,
530 ns maximum after CONVST falling edge), and the AD7822/
AD7825/AD7829 power down as long as CONVST is low.
The ADC is powered up again on the rising edge of the
CONVST signal. Superior power performance can be achieved
in this mode of operation by powering up the AD7822/AD7825/
AD7829 only to carry out a conversion. The parallel interface of
the AD7822/AD7825/AD7829 remains fully operational while
the ADCs are powered down. A read may occur while the part
is powered down, and, therefore, it does not necessarily need to
be placed within the EOC pulse, as shown in Figure 25.
t2
t1
t3
VALID
DATA
CONVST
EOC
CS
RD
DB0 TO DB7
TRACK
HOLD
TRACK
HOLD
120ns
Figure 24. Mode 1 Operation
CONVST
EOC
CS
RD
DB0 TO DB7
tPOWER-UP
t1
VALID
DATA
POWER
DOWN
HERE
Figure 25. Mode 2 Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com