Electronic Components Datasheet Search
  English  ▼

X  

AD7829BN Datasheet(PDF) 19 Page - Analog Devices

Part # AD7829BN
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7829BN Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7829BN Datasheet HTML 15Page - Analog Devices AD7829BN Datasheet HTML 16Page - Analog Devices AD7829BN Datasheet HTML 17Page - Analog Devices AD7829BN Datasheet HTML 18Page - Analog Devices AD7829BN Datasheet HTML 19Page - Analog Devices AD7829BN Datasheet HTML 20Page - Analog Devices AD7829BN Datasheet HTML 21Page - Analog Devices AD7829BN Datasheet HTML 22Page - Analog Devices AD7829BN Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7822/AD7825/AD7829
Rev. C | Page 19 of 28
AD7822 STANDALONE OPERATION
The AD7822, being the single channel device, does not have any
multiplexer addressing associated with it and can be controlled
with just one signal, that is, the CONVST signal. As shown in
Figure 31, the RD and CS pins are both tied to the EOC pin.
The resulting signal can be used as an interrupt request signal
(IRQ) on a DSP, as a WR signal to memory, or as a CLK to a
latch or ASIC. The timing for this interface, as shown in Figure 31,
demonstrates how, with the CONVST signal alone, a conversion
can be initiated, data is latched out, and the operating mode of
the AD7822 can be selected.
AD7825/
AD7829
A0
A1
A2
CS
RD
DB7 TO DB0
CS
RD
DB0 TO DB7
A15 TO A3
A2 TO A0
ADC I/O ADDRESS
MUX ADDRESS
A/D RESULT
MUX ADDRESS
(CHANNEL SELECTION A0 TO A2)
LATCHED
MICROPROCESSOR READ CYCLE
ADDRESS
DECODE
A15 TO A3
Figure 30. AD7825/AD7829 Simplified Microinterfacing Scheme
CONVST
RD
CS
EOC
DB7 TO DB0
AD7822
DSP/
LATCH/ASIC
CONVST
EOC
RD
CS
DB0 TO DB7
A/D RESULT
t1
t4
Figure 31. AD7822 Standalone Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com