Electronic Components Datasheet Search
  English  ▼

X  

HT56R656 Datasheet(PDF) 85 Page - Holtek Semiconductor Inc

Part # HT56R656
Description  TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R656 Datasheet(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT56R656 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 145 page
background image
Rev. 1.30
84
�a��� �� �013
Rev. 1.30
85
�a��� �� �013
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
SI MC TL 2 Re gi st er
b7
Tr ans mi t/R ec ei ve c om pl et e fl ag
1: f in is hed
0: i n pr og re ss
Wr it e co llis io n fl ag
1: c ol li si on
0: no co llis io n
SC S pi n e nabl e
1: enabl e
0: S CS fl oat in g
Da ta s hi ft o r der
1: M SB
0: L SB
SP I Cl o ck E dge Se le ct
1: s ee te xt
0: s ee te xt
SP I Cl o ck Po la ri ty
1: s ee te xt
0: s ee te xt
No t im pl em ent ed, r ead as " 0"
b0
WC OL
TR F
CS EN
ML S
CK EG
CK PO L
SPI Control Register – SIMCTL2
SPI Communication
AftertheSPIinterfaceisenabledbysettingtheSIMENbithigh,thenintheMasterMode,when
dataiswrittentotheSIMDRregister,transmission/receptionwillbeginsimultaneously.When
thedatatransferiscomplete,theTRFflagwillbesetautomatically,butmustbeclearedusingthe
applicationprogram.IntheSlaveMode,whentheclocksignalfromthemasterhasbeenreceived,
anydataintheSIMDRregisterwillbetransmittedandanydataontheSDIpinwillbeshiftedinto
theSIMDRregister.ThemastershouldoutputanSCSsignaltoenabletheslavedevicebeforea
clocksignalisprovidedandslavedatatransfersshouldbeenabled/disabledbefore/afteranSCS
signalisreceived.
TheSPIwillcontinuetofunctionevenafteraHALTinstructionhasbeenexecuted.
SC K (C KP OL =1 , C KE G= 0)
SI ME N, C SE N= 1
SI ME N= 1, C SE N= 0 (E xt er nal P ul l- Hi gh)
SC K (C KP OL =0 , C KE G= 0)
SC K (C KP OL =1 , C KE G= 1)
SC K (C KP OL =0 , C KE G= 1)
SD O (C KE G= 0)
SD O (C KE G= 1)
SC S
SD I D at a C apt ur e
D 7/ D 0D 6/ D 1D 5/ D 2D 4/ D 3D 3/ D 4D 2/ D 5D 1/ D 6D 0/ D 7
D 7/ D 0D 6/ D 1D 5/ D 2D 4/ D 3D 3/ D 4D 2/ D 5D 1/ D 6D 0/ D 7
Wr it e to S IM D R
SPI Master Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com