Electronic Components Datasheet Search
  English  ▼

X  

HT56R656 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT56R656
Description  TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R656 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT56R656 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 18Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 145 page
background image
Rev. 1.30
14
�a��� �� �013
Rev. 1.30
15
�a��� �� �013
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD17
Ope�ating Cu��ent
(fSYS
=32768Hz(note 1)
or 32K_INT internal RC OSC)
3V No load, WDT off, LCD on(note�)�
C type� 1/� bias� VLCD1=3V
—
8
1�
µA
5V
—
1�
18
µA
IDD18
Ope�ating Cu��ent
(fSYS
=32768Hz(note 1)
or 32K_INT internal RC OSC)
3V
No load, LCD off, WDT off
—
�
9
µA
5V
—
10
15
µA
ISTB1
Standby Cu��ent (Sleep)
(fSYS� fSUB� fS� fLCD� fWDT=off)
3V
No load, system HALT,
WDT off
—
0.�
1.0
µA
5V
—
0.3
�.0
µA
ISTB�
Standby Cu��ent (Sleep)
(fSYS� fLCD� fWDT=fSUB
=32768Hz(note 1)
or 32K_INT RC OSC)
3V No load, system HALT,
WDT on
—
1
�
µA
5V
—
3
5
µA
ISTB3
Standby Cu��ent (Idle)
(fSYS� fWDT=off; fS(note 3)=fSUB
=32768Hz(note 1)
or 32K_INT RC OSC)
3V No load, system HALT,
WDT off� LCD on(note �)�
1/� bias� C type� VLCD1=VDD
—
1
�
µA
5V
—
3
5
µA
ISTB4
Standby Cu��ent (Idle)
(fSYS� fWDT=off; fS(note 3)=fSUB
=32768Hz(note 1)
or 32K_INT RC OSC)
3V No load, system HALT,
WDT off� LCD on(note �)�
1/3 bias� C type� VLCD1=3V
—
1
�
µA
5V
—
3
5
µA
ISTB5
Standby Cu��ent (Idle)
(fSYS� fWDT=off; fS(note 3)=fSUB
=32768Hz(note 1)
or 32K_INT RC OSC)
3V No load, system HALT,
WDT off� LCD on(note �)�
R type� VLCD1=VDD�
1/� bias (RBIAS
=400kΩ)
—
10
15
µA
5V
—
18
�7
µA
ISTB�
Standby Cu��ent (Idle)
(fSYS� fWDT=off; fS(note 3)=fSUB
=32768Hz(note 1)
or 32K_INT RC OSC)
3V No load, system HALT,
WDT off� LCD on(note �)�
R type� VLCD1=VDD�
1/3 bias (RBIAS
=600kΩ)
—
10
15
µA
5V
—
1�
�4
µA
ISTB7
Standby Cu��ent (Idle)
(fSYS=on� fSYS=f�
=4MHz, fWDT� fLCD=off�
fS(note 3)=fSUB
=32768Hz(note 1)
or 32K_INT RC OSC)
3V No load, system HALT,
WDT off� LCD off�
SPI o� I�
C on, PCLK on,
PCLK=fSYS/8
—
150
�50
µA
5V
—
350
550
µA
VIL1
Input Low Voltage fo� I/O Po�ts�
TMR and INT
—
—
0
—
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
—
—
0.7VDD
—
VDD
V
VIL�
Input Low Voltage (RES)
—
—
0
—
0.4VDD
V
VIH2
Input High Voltage (RES)
—
—
0.9VDD
—
VDD
V
VLVR
Low Voltage Reset Voltage
—
Configuration option: 2.1V
1.98
�.1
�.��
V
—
Configuration option: 3.15V
�.98
3.15
3.3�
V
—
Configuration option: 4.2V
3.98
4.�
4.4�
V
VLVD
Low Voltage Dete�to� Voltage
—
Configuration option: 2.2V
�.08
�.�
�.3�
V
Configuration option: 3.3V
3.1�
3.3
3.50
V
Configuration option: 4.4V
4.1�
4.4
4.70
V
IOL1
I/O Po�t Sink Cu��ent
3V
VOL=0.1VDD
�
1�
—
mA
5V
10
�5
—
mA
IOH1
I/O Po�t Sou��e Cu��ent
3V
VOH=0.9VDD
−2
−4
—
mA
5V
−5
−8
—
mA
IOL�
LCD Common and Segment Cu��ent
3V
VOL=0.1VDD
�10
4�0
—
µA
5V
350
700
—
µA
IOH2
LCD Common and Segment Cu��ent
3V
VOH=0.9VDD
−80 −160
—
µA
5V
−180 −360
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com