Electronic Components Datasheet Search
  English  ▼

X  

HT56R656 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT56R656
Description  TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R656 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT56R656 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 145 page
background image
Rev. 1.30
3�
�a��� �� �013
Rev. 1.30
33
�a��� �� �013
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
Display Memory
ThedatatobedisplayedontheLCDorLEDdisplayisstoredinanareaoffullyaccessibleData
Memory.BywritingtothisareaofRAM,thedisplayoutputcanbedirectlycontrolledbythe
applicationprogram.AsthisMemoryexistsinBank1,buthaveaddresseswhichmapintothe
GeneralPurposeDataMemory,itisnecessarytofirstensurethattheBankPointerissettothevalue
01HbeforeaccessingtheDisplayMemory.TheDisplayMemorycanonlybeaccessedindirectly
usingtheMemoryPointerMP1andtheindirectaddressingregisterIAR1.WhentheBankPointer
issettoBank1toaccesstheDisplayMemory,ifanyaddresseswithavaluelessthan40Hareread,
theSpecialPurposeMemoryinBank0willbeaccessed.Also,iftheBankPointerissettoBank1,
ifanyaddresseshigherthanthelastaddressinBank1areread,thenavalueof00Hwillbereturned.
Special Function Registers
Toensuresuccessfuloperationofthemicrocontroller,certaininternalregistersareimplementedin
theDataMemoryarea.Theseregistersensurecorrectoperationofinternalfunctionssuchastimers,
interrupts,etc.,aswellasexternalfunctionssuchasI/OdatacontrolandA/Dconverteroperation.
ThelocationoftheseregisterswithintheDataMemorybeginsattheaddress00H.AnyunusedData
MemorylocationsbetweenthesespecialfunctionregistersandthepointwheretheGeneralPurpose
Memorybeginsisreservedforfutureexpansionpurposes,attemptingtoreaddatafromthese
locationswillreturnavalueof00H.
Indirect Addressing Registers − IAR0, IAR1
TheIndirectAddressingRegisters,IAR0andIAR1,althoughhavingtheirlocationsinnormalRAM
registerspace,donotactuallyphysicallyexistasnormalregisters.Themethodofindirectaddressing
forRAMdatamanipulationusestheseIndirectAddressingRegistersandMemoryPointers,in
contrasttodirectmemoryaddressing,wheretheactualmemoryaddressisspecified.Actionsonthe
IAR0andIAR1registerswillresultinnoactualreadorwriteoperationtotheseregistersbutrather
tothememorylocationspecifiedbytheircorrespondingMemoryPointers,MP0orMP1.Actingasa
pair,IAR0andMP0cantogetheraccessdatafromBank0whiletheIAR1andMP1registerpaircan
accessdatafromanybank.AstheIndirectAddressingRegistersarenotphysicallyimplemented,
readingtheIndirectAddressingRegistersindirectlywillreturnaresultof″00H″andwritingtothe
registersindirectlywillresultinnooperation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com