Electronic Components Datasheet Search
  English  ▼

X  

MCP6V31UT Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP6V31UT
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V31UT Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP6V31UT Datasheet HTML 23Page - Microchip Technology MCP6V31UT Datasheet HTML 24Page - Microchip Technology MCP6V31UT Datasheet HTML 25Page - Microchip Technology MCP6V31UT Datasheet HTML 26Page - Microchip Technology MCP6V31UT Datasheet HTML 27Page - Microchip Technology MCP6V31UT Datasheet HTML 28Page - Microchip Technology MCP6V31UT Datasheet HTML 29Page - Microchip Technology MCP6V31UT Datasheet HTML 30Page - Microchip Technology MCP6V31UT Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
© 2012 Microchip Technology Inc.
DS25127A-page 27
MCP6V31/1U
5.0
DESIGN AIDS
Microchip provides the basic design aids needed for
the MCP6V31/1U family of op amps.
5.1
SPICE Macro Model
The latest SPICE macro model for the MCP6V31/1U
op amps is available on the Microchip web site at
www.microchip.com. This model is intended to be an
initial design tool that works well in the op amp’s linear
region of operation over the temperature range. See
the model file for information on its capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specifications and
characteristic curves.
5.2
FilterLab® Software
Microchip’s FilterLab® software is an innovative
software tool that simplifies analog active filter (using
op amps) design. Available at no cost from the
Microchip web site at www.microchip.com/filterlab, the
FilterLab® design tool provides full schematic diagrams
of the filter circuit with component values. It also
outputs the filter circuit in SPICE format, which can be
used with the macro model to simulate actual filter
performance.
5.3
Microchip Advanced Part Selector
(MAPS)
MAPS is a software tool that helps efficiently identify
Microchip devices that fit a particular design require-
ment. Available at no cost from the Microchip web site
at www.microchip.com/maps, MAPS is an overall
selection tool for Microchip’s product portfolio that
includes Analog, Memory, MCUs and DSCs. Using this
tool, a customer can define a filter to sort features for a
parametric search of devices and export side-by-side
technical comparison reports. Helpful links are also
provided for Data Sheets, Purchase and Sampling of
Microchip parts.
5.4
Analog Demonstration and
Evaluation Boards
Microchip offers a broad spectrum of Analog Demon-
stration and Evaluation Boards that are designed to
help customers achieve faster time to market. For a
complete listing of these boards and their correspond-
ing user’s guides and technical information, visit the
Microchip web site at www.microchip.com/analog
tools.
Some boards that are especially useful are:
• MCP6V01 Thermocouple Auto-Zeroed Reference
Design (P/N MCP6V01RD-TCPL)
• MCP6XXX Amplifier Evaluation Board 1 (P/N
DS51667)
• MCP6XXX Amplifier Evaluation Board 2 (P/N
DS51668)
• MCP6XXX Amplifier Evaluation Board 3 (P/N
DS51673)
• MCP6XXX Amplifier Evaluation Board 4 (P/N
DS51681)
• Active Filter Demo Board Kit (P/N DS51614)
• 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board
(P/N SOIC8EV)
• 14-Pin SOIC/TSSOP/DIP Evaluation Board (P/N
SOIC14EV)
5.5
Application Notes
The following Microchip Application Notes are
available on the Microchip web site at www.microchip.
com/appnotes and are recommended as supplemental
reference resources.
ADN003: “Select the Right Operational Amplifier for
your Filtering Circuits”
, DS21821
AN722: “Operational Amplifier Topologies and DC
Specifications”
, DS00722
AN723: “Operational Amplifier AC Specifications and
Applications”
, DS00723
AN884: “Driving Capacitive Loads With Op Amps”
,
DS00884
AN990: “Analog Sensor Conditioning Circuits – An
Overview”
, DS00990
AN1177: “Op Amp Precision Design: DC Errors”
,
DS01177
AN1228: “Op Amp Precision Design: Random Noise
”,
DS01228
AN1258: “Op Amp Precision Design: PCB Layout
Techniques”
, DS01258
These application notes and others are listed in the
design guide:
“Signal Chain Design Guide”, DS21825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com