Electronic Components Datasheet Search
  English  ▼

X  

MCP6V31UT Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP6V31UT
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V31UT Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP6V31UT Datasheet HTML 32Page - Microchip Technology MCP6V31UT Datasheet HTML 33Page - Microchip Technology MCP6V31UT Datasheet HTML 34Page - Microchip Technology MCP6V31UT Datasheet HTML 35Page - Microchip Technology MCP6V31UT Datasheet HTML 36Page - Microchip Technology MCP6V31UT Datasheet HTML 37Page - Microchip Technology MCP6V31UT Datasheet HTML 38Page - Microchip Technology MCP6V31UT Datasheet HTML 39Page - Microchip Technology MCP6V31UT Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
© 2012 Microchip Technology Inc.
DS25127A-page 37
MCP6V31/1U
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6V31T
Single Op Amp (Tape and Reel) (SOT-23)
MCP6V31UT Single Op Amp (Tape and Reel)
(SC-70, SOT-23)
Temperature Range:
E
= -40°C to +125°C
Package:
LT
= Plastic Package (SC-70), 5-lead
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
PART NO.
–X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6V31T-E/OT:
Tape and Reel,
Extended temperature,
5LD SOT-23 package
a)
MCP6V31UT-E/LT: Tape and Reel
Extended temperature,
5LD SC70 package
b)
MCP6V31UT-E/OT: Tape and Reel,
Extended temperature,
5LD SOT-23 package
T
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com