Electronic Components Datasheet Search
  English  ▼

X  

MCP6V31UT Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6V31UT
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V31UT Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6V31UT Datasheet HTML 13Page - Microchip Technology MCP6V31UT Datasheet HTML 14Page - Microchip Technology MCP6V31UT Datasheet HTML 15Page - Microchip Technology MCP6V31UT Datasheet HTML 16Page - Microchip Technology MCP6V31UT Datasheet HTML 17Page - Microchip Technology MCP6V31UT Datasheet HTML 18Page - Microchip Technology MCP6V31UT Datasheet HTML 19Page - Microchip Technology MCP6V31UT Datasheet HTML 20Page - Microchip Technology MCP6V31UT Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
© 2012 Microchip Technology Inc.
DS25127A-page 17
MCP6V31/1U
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The analog output pins (VOUT) are low-impedance
voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs (VIN+, VIN–, …)
are high-impedance CMOS inputs with low bias
currents.
3.3
Power Supply Pins
The positive power supply (VDD) is 1.8V to 5.5V higher
than the negative power supply (VSS). For normal
operation, the other pins are between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
MCP6V31
MCP6V31U
Symbol
Description
SOT-23
SOT-23, SC-70
14
VOUT
Output (op amp A)
22
VSS
Negative Power Supply
31
VIN+
Non-inverting Input (op amp A)
43
VIN–
Inverting Input (op amp A)
55
VDD
Positive Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com