Electronic Components Datasheet Search
  English  ▼

X  

MCP6V31UT Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6V31UT
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V31UT Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6V31UT Datasheet HTML 7Page - Microchip Technology MCP6V31UT Datasheet HTML 8Page - Microchip Technology MCP6V31UT Datasheet HTML 9Page - Microchip Technology MCP6V31UT Datasheet HTML 10Page - Microchip Technology MCP6V31UT Datasheet HTML 11Page - Microchip Technology MCP6V31UT Datasheet HTML 12Page - Microchip Technology MCP6V31UT Datasheet HTML 13Page - Microchip Technology MCP6V31UT Datasheet HTML 14Page - Microchip Technology MCP6V31UT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
© 2012 Microchip Technology Inc.
DS25127A-page 11
MCP6V31/1U
Note:
Unless otherwise indicated, TA =+25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =100 kΩ to VL and CL = 20 pF.
FIGURE 2-24:
Power-on Reset Voltage vs.
Ambient Temperature.
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.2
0.4
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com