Electronic Components Datasheet Search
  English  ▼

X  

MCP6V31UT Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6V31UT
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V31UT Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6V31UT Datasheet HTML 10Page - Microchip Technology MCP6V31UT Datasheet HTML 11Page - Microchip Technology MCP6V31UT Datasheet HTML 12Page - Microchip Technology MCP6V31UT Datasheet HTML 13Page - Microchip Technology MCP6V31UT Datasheet HTML 14Page - Microchip Technology MCP6V31UT Datasheet HTML 15Page - Microchip Technology MCP6V31UT Datasheet HTML 16Page - Microchip Technology MCP6V31UT Datasheet HTML 17Page - Microchip Technology MCP6V31UT Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
MCP6V31/1U
DS25127A-page 14
© 2012 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA =+25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =100 kΩ to VL and CL = 20 pF.
2.4
Input Noise and Distortion
FIGURE 2-34:
Input Noise Voltage Density
and Integrated Input Noise Voltage vs.
Frequency.
FIGURE 2-35:
Input Noise Voltage Density
vs. Input Common Mode Voltage.
FIGURE 2-36:
Inter-Modulation Distortion
vs. Frequency with VCM Disturbance (see
Figure 1-6).
FIGURE 2-37:
Inter-Modulation Distortion
vs. Frequency with VDD Disturbance
(see Figure 1-6).
FIGURE 2-38:
Input Noise vs. Time with
1 Hz and 10 Hz Filters and VDD =1.8V.
FIGURE 2-39:
Input Noise vs. Time with
1 Hz and 10 Hz Filters and VDD =5.5V.
10
100
1000
10
100
1000
e
ni
1
10
1
10
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05
Frequency (Hz)
E
ni(0 Hz to f)
V
DD = 5.5V
V
DD = 1.8V
1
10
100
1k
10k
100k
70
80
f < 2 kHz
60
70
V
DD = 1.8V
40
50
30
40
V
DD = 5.5V
10
20
0
10
Common Mode Input Voltage (V)
1000
G
DM = 1 V/V
V
CM tone = 50 mVPK, f = 100 Hz
100
CM
PK
10
10
residual 100 Hz tone
1
01
V
DD = 1.8V
V
DD = 5.5V
0.1
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
1
100
100k
10k
10
1k
1000
G
DM = 1 V/V
V
DD tone = 50 mVPK, f = 100 Hz
100
10
IMD tone at DC
10
100 Hz tone
1
V
DD = 1.8V
V
55V
01
V
DD = 5.5V
0.1
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
1
100
100k
10k
10
1k
V
DD = 1.8V
0
102030405060708090
100
Time (s)
NPBW = 10 Hz
NPBW = 1 Hz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
DD = 5.5V
-0.8
-0.6
-0.4
-0.2
0
102030405060708090
100
Time (s)
NPBW = 10 Hz
NPBW = 1 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com