Electronic Components Datasheet Search
  English  ▼

X  

ADS58C28IRGC Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS58C28IRGC
Description  Dual Channel IF Receiver with SNRBoost3G
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C28IRGC Datasheet(HTML) 4 Page - Texas Instruments

  ADS58C28IRGC Datasheet HTML 1Page - Texas Instruments ADS58C28IRGC Datasheet HTML 2Page - Texas Instruments ADS58C28IRGC Datasheet HTML 3Page - Texas Instruments ADS58C28IRGC Datasheet HTML 4Page - Texas Instruments ADS58C28IRGC Datasheet HTML 5Page - Texas Instruments ADS58C28IRGC Datasheet HTML 6Page - Texas Instruments ADS58C28IRGC Datasheet HTML 7Page - Texas Instruments ADS58C28IRGC Datasheet HTML 8Page - Texas Instruments ADS58C28IRGC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
ADS58C28
SBAS509B – JUNE 2010 – REVISED OCTOBER 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range, unless otherwise noted.
MIN
NOM
MAX
UNIT
SUPPLIES
Analog supply voltage, AVDD
1.75
1.8
1.9
V
Digital supply voltage, DRVDD
1.7
1.8
1.9
V
ANALOG INPUTS
Default, SNRBoost3G disabled
2
VPP
Differential input voltage range
SNRBoost3G enabled
1.6
VPP
Input common-mode voltage
VCM(1) ± 0.05
V
Maximum analog input frequency with 2VPP input amplitude
(2)
400
MHz
Maximum analog input frequency with 1VPP input amplitude
(2)
600
MHz
CLOCK INPUT
Default after reset LOW SPEED mode disabled
> 80
200
Input clock sample rate(3)
MSPS
LOW SPEED mode enabled
1
80
Sine wave, ac-coupled
0.2
1.5
VPP
LVPECL, ac-coupled
1.6
VPP
Input clock amplitude differential
(VCLKP – VCLKM)
LVDS, ac-coupled
0.7
VPP
LVCMOS, single-ended, ac-coupled
1.8
V
Input clock duty cycle
Default after reset LOW SPEED mode disabled
35
50
65
%
LOW SPEED mode enabled
40
50
60
%
DIGITAL OUTPUTS
Maximum external load capacitance from each output pin to DRGND, CLOAD
10
pF
Differential load resistance between the LVDS output pairs (LVDS mode), RLOAD
100
Ω
HIGH-PERFORMANCE MODES(4)(5)
Set this register bit to get best performance across Register address = 03h,
High-performance mode
sample clock and input signal frequencies
data = 03h
Register address = 4Ah,
data = 01h
Set these register bits for high input signal
High-frequency mode
frequencies (> 200MHz)
Register address = 58h,
data = 01h
Operating free-air temperature, TA
–40
+85
°C
(1)
VCM, typically 0.95V, is the voltage measured on the VCM pin when the input clock is switched off.
(2)
See the Theory of Operation section in the Application Information
(3)
See description for LOW SPEED mode in the Serial Interface Configuration section.
(4)
It is recommended to use these modes to obtain best performance.
(5)
See the Serial Interface Configuration section for details on register programming.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS58C28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com