Electronic Components Datasheet Search
  English  ▼

X  

ADS58C28IRGC Datasheet(PDF) 39 Page - Texas Instruments

Part # ADS58C28IRGC
Description  Dual Channel IF Receiver with SNRBoost3G
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C28IRGC Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS58C28IRGC Datasheet HTML 35Page - Texas Instruments ADS58C28IRGC Datasheet HTML 36Page - Texas Instruments ADS58C28IRGC Datasheet HTML 37Page - Texas Instruments ADS58C28IRGC Datasheet HTML 38Page - Texas Instruments ADS58C28IRGC Datasheet HTML 39Page - Texas Instruments ADS58C28IRGC Datasheet HTML 40Page - Texas Instruments ADS58C28IRGC Datasheet HTML 41Page - Texas Instruments ADS58C28IRGC Datasheet HTML 42Page - Texas Instruments ADS58C28IRGC Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
1.65
1.70
1.75
1.80
1.85
1.90
1.95
80
81
82
83
84
85
86
87
88
65
65.5
66
66.5
67
67.5
68
68.5
69
DRVDD Supply (V)
SNR
SFDR
Input Frequency = 150MHz
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
72
74
76
78
80
82
84
86
88
90
92
62
63
64
65
66
67
68
69
70
71
72
Differential Clock Amplitude (VPP)
SFDR
SNR
Input Frequency = 40MHz
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
70
72
74
76
78
80
82
84
86
88
90
60
61
62
63
64
65
66
67
68
69
70
Differential Clock Amplitude (VPP)
SFDR
SNR
Input Frequency = 150MHz
25
30
35
40
45
50
55
60
65
70
75
78
78.5
79
79.5
80
80.5
81
81.5
82
64
64.5
65
65.5
66
66.5
67
67.5
68
Input Clock Duty Cycle (%)
THD
SNR
Input Frequency = 10MHz
ADS58C28
www.ti.com
SBAS509B – JUNE 2010 – REVISED OCTOBER 2010
TYPICAL CHARACTERISTICS (continued)
All graphs are at +25°C, AVDD = 1.8V, DRVDD = 1.8V, maximum rated sampling frequency, sine wave input clock. 1.5VPP
differential clock amplitude, 50% clock duty cycle, –1dBFS differential analog input, High Perf Mode disabled, 0dB gain, DDR
LVDS output interface, and 32k point FFT, unless otherwise noted.
PERFORMANCE ACROSS DRVDD SUPPLY VOLTAGE
PERFORMANCE ACROSS INPUT CLOCK AMPLITUDE
Figure 39.
Figure 40.
PERFORMANCE ACROSS INPUT CLOCK AMPLITUDE
PERFORMANCE ACROSS INPUT CLOCK DUTY CYCLE
Figure 41.
Figure 42.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS58C28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com