Electronic Components Datasheet Search
  English  ▼

X  

ADS58C28IRGC Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS58C28IRGC
Description  Dual Channel IF Receiver with SNRBoost3G
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C28IRGC Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS58C28IRGC Datasheet HTML 4Page - Texas Instruments ADS58C28IRGC Datasheet HTML 5Page - Texas Instruments ADS58C28IRGC Datasheet HTML 6Page - Texas Instruments ADS58C28IRGC Datasheet HTML 7Page - Texas Instruments ADS58C28IRGC Datasheet HTML 8Page - Texas Instruments ADS58C28IRGC Datasheet HTML 9Page - Texas Instruments ADS58C28IRGC Datasheet HTML 10Page - Texas Instruments ADS58C28IRGC Datasheet HTML 11Page - Texas Instruments ADS58C28IRGC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
CHAn_P
CHBn_P
CHAn_M
CHBn_M
GND
Logic0
V
(1)
ODL =
350mV
-
Logic1
V
(1)
ODH =+350mV
V
OCM
ADS58C28
SBAS509B – JUNE 2010 – REVISED OCTOBER 2010
www.ti.com
Table 2. SNR Enhancement with SNRBoost3G Enabled(1)
SNR WITHIN SPECIFIED BANDWIDTH (dBFS)
BANDWIDTH
IN DEFAULT MODE
(MHz)
WITH SNRBoost3G ENABLED(2)(3)
(SNRBoost3G Disabled)
MIN
TYP
MAX
MIN
TYP
MAX
60
68.3
69.7
72.5
40
70
71.8
74
30
71.1
72.8
74.7
20
72.5
74.4
76
(1)
SNRBoost3G bathtub centered at (3/4) × fS, –2dBFS input applied at fIN = 140MHz, sampling
frequency = 200MSPS.
(2)
Using suitable filters. See note on SNRBoost3G in the SNR Enhancement Using SNRBoost section.
(3)
Specified by characterization.
(1) With external 100
Ω termination.
Figure 1. LVDS Voltage Levels
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS58C28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com