Electronic Components Datasheet Search
  English  ▼

X  

ADS58C28IRGC Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS58C28IRGC
Description  Dual Channel IF Receiver with SNRBoost3G
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C28IRGC Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS58C28IRGC Datasheet HTML 3Page - Texas Instruments ADS58C28IRGC Datasheet HTML 4Page - Texas Instruments ADS58C28IRGC Datasheet HTML 5Page - Texas Instruments ADS58C28IRGC Datasheet HTML 6Page - Texas Instruments ADS58C28IRGC Datasheet HTML 7Page - Texas Instruments ADS58C28IRGC Datasheet HTML 8Page - Texas Instruments ADS58C28IRGC Datasheet HTML 9Page - Texas Instruments ADS58C28IRGC Datasheet HTML 10Page - Texas Instruments ADS58C28IRGC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
ADS58C28
www.ti.com
SBAS509B – JUNE 2010 – REVISED OCTOBER 2010
DIGITAL CHARACTERISTICS
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at valid logic
level 0 or 1. AVDD = 1.8V and DRVDD = 1.8V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS—RESET, SCLK, SDATA, SEN, CTRL1, CTRL2, and CTRL3
High-level input voltage
1.3
V
RESET, SCLK, SDATA and SEN support
1.8V and 3.3V CMOS logic levels.
Low-level input voltage
0.4
V
SDATA, SCLK(1)
VHIGH = 1.8V
10
µA
High-level input
current
SEN(2)
VHIGH = 1.8V
0
µA
SDATA, SCLK
VLOW = 0V
0
µA
Low-level input
current
SEN
VLOW = 0V
–10
µA
DIGITAL OUTPUTS—CMOS INTERFACE (CHx_Dn, SDOUT)
High-level output voltage
DRVDD – 0.1
DRVDD
V
Low-level output voltage
0
0.1
V
DIGITAL OUTPUTS—LVDS INTERFACE (CHxP/M, CLKOUTP/M)
VODH, High-level output voltage
(3)
Standard swing LVDS
270
350
430
mV
VODL, Low-level output voltage
(3)
Standard swing LVDS
–430
–350
–270
mV
VODH, High-level output voltage
(3)
Low swing LVDS(4)
200
mV
VODL, Low-level output voltage
(3)
Low swing LVDS(4)
–200
mV
VOCM, Output common-mode voltage
0.9
1.05
1.25
V
(1)
SDATA and SCLK have an internal 150k
Ω pull-down resistor.
(2)
SEN has an internal 150k
Ω pull-up resistor to AVDD.
(3)
With external 100
Ω termination.
(4)
See the LVDS Output Data and Clock Buffers section.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS58C28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com