| Electronic Components Datasheet Search |
|
ADS58C28IRGC Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS58C28IRGC Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 67 page ![]() ADS58C28 www.ti.com SBAS509B – JUNE 2010 – REVISED OCTOBER 2010 To use SNRBoost3G with control pins, follow this exact sequence: Select and Enable the SNRBoost3G Filter 1. First, disable the DIGITAL MODE 1 and DIGITAL MODE 2 bits (set to '0'). 2. Next, select the appropriate SNRBoost3G filter, using the Ch SNRBoost3G Filter number register bits. 3. Finally, set the DIGITAL MODE 2 bit (set to '1'). Turn On/Off SNRBoost3G 1. Use the CTRL1, CTRL2, and CTRL3 pins to dynamically turn on/off the SNRBoost3G for each pair of channels. To use SNRBoost3G without using control pins follow this exact sequence: Select and Enable the SNRBoost3G Filter 1. First, disable the DIGITAL MODE 1 and DIGITAL MODE 2 bits (set to '0'). 2. Next, select the appropriate SNRBoost3G filter using the Ch SNRBoost Filter number register bits. 3. Then set the DIGITAL MODE 2 bit (set to '1'). 4. Finally, set the SNRBoost3G pin override bit (OVERRIDE SNRBoost PINS). Turn On/Off SNRBoost3G 1. Turn on and off the SNRBoost3G for each channel using the SNRBoost CH A ON and SNRBoost CH B ON register bits. NOTE To use a different SNRBoost3G filter, it is required to follow all the above steps in the exact order specified. Not following this order can result in incorrect operation of the SNRBoost3G filter. To turn on and off the filter without changing the filter number, simply follow the steps under the Turn On/Off SNRBoost3G outline. Table 13 describes the SNRBoost3G control when used with the CTRL pins. Table 13. SNRBoost3G Control Using Pins CTRL1, CTRL2, and CTRL3 CTRL1 CTRL2 CTRL3 DESCRIPTION Low Low Low Normal operation; SNRBoost3G disabled for both channels Low Low High SNRBoost3G enabled for channel B Low High Low SNRBoost3G enabled for channel A Low High High SNRBoost3G enabled for channels A and B High Low Low Global power-down High Low High Channel A standby High High Low Do not use MUX mode of operation, channels A and B data are multiplexed and High High High output on pins CHB_D[10:0]. Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 49 Product Folder Link(s): ADS58C28 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |