Electronic Components Datasheet Search
  English  ▼

X  

DAC0830 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC0830
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0830 Datasheet(HTML) 4 Page - Texas Instruments

  DAC0830 Datasheet HTML 1Page - Texas Instruments DAC0830 Datasheet HTML 2Page - Texas Instruments DAC0830 Datasheet HTML 3Page - Texas Instruments DAC0830 Datasheet HTML 4Page - Texas Instruments DAC0830 Datasheet HTML 5Page - Texas Instruments DAC0830 Datasheet HTML 6Page - Texas Instruments DAC0830 Datasheet HTML 7Page - Texas Instruments DAC0830 Datasheet HTML 8Page - Texas Instruments DAC0830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
DAC0830, DAC0832
SNAS534B – MAY 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
VREF=10.000 VDC unless otherwise noted. Boldface limits apply over temperature, TMIN≤TA≤TMAX.
(1) For all other limits
TA=25°C.
VCC = 5 VDC ±5%
VCC = 4.75 VDC
VCC = 12 VDC ±5%
VCC = 15.75 VDC
See
Limit
to 15 VDC ±5%
Parameter
Conditions
Note
Units(2)
Tested
Design
Typ(3)
Limit(4)
Limit(5)
Power Supply Rejection
All digital inputs latched high
VCC=14.5V to 15.5V
0.0002
0.0025
%
11.5V to 12.5V
0.0006
FSR/V
4.5V to 5.5V
0.013
0.015
Reference
Max
15
20
20
k
Ω
Input
Min
15
10
10
k
Ω
Output Feedthrough Error
VREF=20 Vp-p, f=100 kHz
3
mVp-p
All data inputs latched low
Output Leakage
IOUT1
All data inputs
LJ & LCJ
See(8)
100
100
nA
Current Max(8)
latched low
LCN, LCWM & LCV
50
100
IOUT2
All data inputs
LJ & LCJ
100
100
nA
latched high
LCN, LCWM & LCV
50
100
Output
IOUT1
All data inputs
45
pF
Capacitance
IOUT2
latched low
115
IOUT1
All data inputs
130
pF
IOUT2
latched high
30
DIGITAL AND DC CHARACTERISTICS
Digital Input
Max
Logic Low
LJ:
4.75V
0.6
Voltages
LJ:
15.75V
0.8
LCJ:
4.75V
0.7
VDC
LCJ:
15.75V
0.8
LCN, LCWM, LCV
0.95
0.8
Min
Logic High
LJ & LCJ
2.0
2.0
VDC
LCN, LCWM, LCV
1.9
2.0
Digital Input
Max
Digital inputs
LJ & LCJ
−50
−200
−200
μA
Currents
<0.8V
LCN, LCWM, LCV
−160
−200
μA
Digital
LJ & LCJ
0.1
+10
+10
μA
inputs>2.0V
LCN, LCWM, LCV
+8
+10
Supply Current
Max
LJ & LCJ
1.2
3.5
3.5
mA
Drain
LCN, LCWM, LCV
1.7
2.0
(8)
A 100nA leakage current with Rfb=20k and VREF=10V corresponds to a zero error of (100×10
−9×20×103)×100/10 which is 0.02% of FS.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DAC0830 DAC0832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com