Electronic Components Datasheet Search
  English  ▼

X  

DAC0830 Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC0830
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0830 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC0830 Datasheet HTML 10Page - Texas Instruments DAC0830 Datasheet HTML 11Page - Texas Instruments DAC0830 Datasheet HTML 12Page - Texas Instruments DAC0830 Datasheet HTML 13Page - Texas Instruments DAC0830 Datasheet HTML 14Page - Texas Instruments DAC0830 Datasheet HTML 15Page - Texas Instruments DAC0830 Datasheet HTML 16Page - Texas Instruments DAC0830 Datasheet HTML 17Page - Texas Instruments DAC0830 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
DAC0830, DAC0832
SNAS534B – MAY 1999 – REVISED MARCH 2013
www.ti.com
Bipolar Output Voltage with a Fixed Reference
The addition of a second op amp to the previous circuitry can be used to generate a bipolar output voltage from
a fixed reference voltage. This, in effect, gives sign significance to the MSB of the digital input word and allows
two-quadrant multiplication of the reference voltage. The polarity of the reference can also be reversed to realize
full 4-quadrant multiplication: ±VREF×±Digital Code=±VOUT. This circuit is shown in Figure 20.
This configuration features several improvements over existing circuits for bipolar outputs with other multiplying
DACs. Only the offset voltage of amplifier 1 has to be nulled to preserve linearity of the DAC. The offset voltage
error of the second op amp (although a constant output voltage error) has no effect on linearity. It should be
nulled only if absolute output accuracy is required. Finally, the values of the resistors around the second amplifier
do not have to match the internal DAC resistors, they need only to match and temperature track each other. A
thin film 4-resistor network available from Beckman Instruments, Inc. (part no. 694-3-R10K-D) is ideally suited for
this application. These resistors are matched to 0.1% and exhibit only 5 ppm/°C resistance tracking temperature
coefficient. Two of the four available 10 k
Ω resistors can be paralleled to form R in Figure 20 and the other two
can be used independently as the resistances labeled 2R.
Zero Adjustment
For accurate conversions, the input offset voltage of the output amplifier must always be nulled. Amplifier offset
errors create an overall degradation of DAC linearity.
The fundamental purpose of zeroing is to make the voltage appearing at the DAC outputs as near 0VDC as
possible. This is accomplished for the typical DAC — op amp connection (Figure 18) by shorting out Rfb, the
amplifier feedback resistor, and adjusting the VOS nulling potentiometer of the op amp until the output reads zero
volts. This is done, of course, with an applied digital code of all zeros if IOUT1 is driving the op amp (all one's for
IOUT2). The short around Rfb is then removed and the converter is zero adjusted.
Figure 19.
ts
OP Amp
CC
(O to Full Scale)
LF356
22 pF
4
μs
LF351
22 pF
5
μs
LF357(1)
10 pF
2
μs
(1)
2.4 k
Ω RESISTOR ADDED FROM−INPUT TO GROUND TO
INSURE STABILITY
*THESE RESISTORS ARE AVAILABLE FROM BECKMAN INSTRUMENTS, INC. AS THEIR PART NO. 694-3-R10K-
D
Figure 20.
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DAC0830 DAC0832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com