Electronic Components Datasheet Search
  English  ▼

X  

DAC0830 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC0830
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0830 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC0830 Datasheet HTML 5Page - Texas Instruments DAC0830 Datasheet HTML 6Page - Texas Instruments DAC0830 Datasheet HTML 7Page - Texas Instruments DAC0830 Datasheet HTML 8Page - Texas Instruments DAC0830 Datasheet HTML 9Page - Texas Instruments DAC0830 Datasheet HTML 10Page - Texas Instruments DAC0830 Datasheet HTML 11Page - Texas Instruments DAC0830 Datasheet HTML 12Page - Texas Instruments DAC0830 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DAC0830, DAC0832
www.ti.com
SNAS534B – MAY 1999 – REVISED MARCH 2013
DAC0830 SERIES APPLICATION HINTS
These DAC's are the industry's first microprocessor compatible, double-buffered 8-bit multiplying D to A
converters. Double-buffering allows the utmost application flexibility from a digital control point of view. This 20-
pin device is also pin for pin compatible (with one exception) with the DAC1230, a 12-bit MICRO-DAC. In the
event that a system's analog output resolution and accuracy must be upgraded, substituting the DAC1230 can
be easily accomplished. By tying address bit A0 to the ILE pin, a two-byte μP write instruction (double precision)
which automatically increments the address for the second byte write (starting with A0=“1”) can be used. This
allows either an 8-bit or the 12-bit part to be used with no hardware or software changes. For the simplest 8-bit
application, this pin should be tied to VCC (also see other uses in Double-Buffered Operation).
Analog signal control versatility is provided by a precision R-2R ladder network which allows full 4-quadrant
multiplication of a wide range bipolar reference voltage by an applied digital word.
DIGITAL CONSIDERATIONS
A most unique characteristic of these DAC's is that the 8-bit digital input byte is double-buffered. This means that
the data must transfer through two independently controlled 8-bit latching registers before being applied to the R-
2R ladder network to change the analog output. The addition of a second register allows two useful control
features. First, any DAC in a system can simultaneously hold the current DAC data in one register (DAC register)
and the next data word in the second register (input register) to allow fast updating of the DAC output on
demand. Second, and probably more important, double-buffering allows any number of DAC's in a system to be
updated to their new analog output levels simultaneously via a common strobe signal.
The timing requirements and logic level convention of the register control signals have been designed to
minimize or eliminate external interfacing logic when applied to most popular microprocessors and development
systems. It is easy to think of these converters as 8-bit “write-only” memory locations that provide an analog
output quantity. All inputs to these DAC's meet TTL voltage level specs and can also be driven directly with high
voltage CMOS logic in non-microprocessor based systems. To prevent damage to the chip from static discharge,
all unused digital inputs should be tied to VCC or ground. If any of the digital inputs are inadvertantly left floating,
the DAC interprets the pin as a logic “1”.
Double-Buffered Operation
Updating the analog output of these DAC's in a double-buffered manner is basically a two step or double write
operation. In a microprocessor system two unique system addresses must be decoded, one for the input latch
controlled by the CS pin and a second for the DAC latch which is controlled by the XFER line. If more than one
DAC is being driven, Figure 13, the CS line of each DAC would typically be decoded individually, but all of the
converters could share a common XFER address to allow simultaneous updating of any number of DAC's. The
timing for this operation is shown, Figure 14.
It is important to note that the analog outputs that will change after a simultaneous transfer are those from the
DAC's whose input register had been modified prior to the XFER command.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC0830 DAC0832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com