Electronic Components Datasheet Search
  English  ▼

X  

DAC0830 Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC0830
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0830 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC0830 Datasheet HTML 12Page - Texas Instruments DAC0830 Datasheet HTML 13Page - Texas Instruments DAC0830 Datasheet HTML 14Page - Texas Instruments DAC0830 Datasheet HTML 15Page - Texas Instruments DAC0830 Datasheet HTML 16Page - Texas Instruments DAC0830 Datasheet HTML 17Page - Texas Instruments DAC0830 Datasheet HTML 18Page - Texas Instruments DAC0830 Datasheet HTML 19Page - Texas Instruments DAC0830 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
DAC0830, DAC0832
SNAS534B – MAY 1999 – REVISED MARCH 2013
www.ti.com
This configuration offers several useful application advantages. Since the output is a voltage, an external op amp
is not necessarily required but the output impedance of the DAC is fairly high (equal to the specified reference
input resistance of 10 k
Ω to 20 kΩ) so an op amp may be used for buffering purposes. Some of the advantages
of this mode are illustrated in Figure 23, Figure 24, Figure 25, and Figure 26.
There are two important things to keep in mind when using this DAC in the voltage switching mode. The applied
reference voltage must be positive since there are internal parasitic diodes from ground to the IOUT1 and IOUT2
terminals which would turn on if the applied reference went negative. There is also a dependence of conversion
linearity and gain error on the voltage difference between VCC and the voltage applied to the normal current
output terminals. This is a result of the voltage drive requirements of the ladder switches. To ensure that all 8
switches turn on sufficiently (so as not to add significant resistance to any leg of the ladder and thereby introduce
additional linearity and gain errors) it is recommended that the applied reference voltage be kept less than +5VDC
and VCC be at least 9V more positive than VREF. These restrictions ensure less than 0.1% linearity and gain error
change. Figure 27, Figure 28, and Figure 29 characterize the effects of bringing VREF and VCC closer together as
well as typical temperature performance of this voltage switching configuration.
•
Voltage switching mode eliminates output signal inversion and therefore a need for a negative power supply.
•
Zero code output voltage is limited by the low level output saturation voltage of the op amp. The 2 k
Ω pull-down
resistor helps to reduce this voltage.
•
VOS of the op amp has no effect on DAC linearity.
Figure 23. Single Supply DAC
Figure 24. Obtaining a Bipolar Output from a Fixed Reference with a Single Op Amp
16
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DAC0830 DAC0832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com