Electronic Components Datasheet Search
  English  ▼

X  

DAC0830 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC0830
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0830 Datasheet(HTML) 5 Page - Texas Instruments

  DAC0830 Datasheet HTML 1Page - Texas Instruments DAC0830 Datasheet HTML 2Page - Texas Instruments DAC0830 Datasheet HTML 3Page - Texas Instruments DAC0830 Datasheet HTML 4Page - Texas Instruments DAC0830 Datasheet HTML 5Page - Texas Instruments DAC0830 Datasheet HTML 6Page - Texas Instruments DAC0830 Datasheet HTML 7Page - Texas Instruments DAC0830 Datasheet HTML 8Page - Texas Instruments DAC0830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DAC0830, DAC0832
www.ti.com
SNAS534B – MAY 1999 – REVISED MARCH 2013
Electrical Characteristics
VREF=10.000 VDC unless otherwise noted. Boldface limits apply over temperature, TMIN≤TA≤TMAX.
(1) For all other limits
TA=25°C.
VCC=12 VDC±5%
VCC=5
VCC=15.75 VDC
VCC=4.75 VDC
to 15 VDC ±5%
VDC±5%
See
Limit
Symbol
Parameter
Conditions
Note
Units
Tested
Tested
Design
Typ(2)
Design Limit(4)
Typ(2)
Limit(3)
Limit(3)
Limit(4)
AC CHARACTERISTICS(5)
ts
Current Setting
VIL=0V, VIH=5V
1.0
1.0
μs
Time
tW
Write and XFER
VIL=0V, VIH=5V
See(
100
250
375
600
5)
Pulse Width Min
See(
320
320
900
900
1)
tDS
Data Setup Time
VIL=0V, VIH=5V
See(
100
250
375
600
1)
Min
320
320
900
900
tDH
Data Hold Time
VIL=0V, VIH=5V
See(
30
50
ns
1)
Min
30
50
tCS
Control Setup
VIL=0V, VIH=5V
See(
110
250
600
900
Time
1)
Min
320
320
1100
1100
tCH
Control Hold Time
VIL=0V, VIH=5V
See(
0
0
0
10
0
1)
Min
0
0
(1)
Boldface tested limits apply to the LJ and LCJ suffix parts only.
(2)
Typicals are at 25°C and represent most likely parametric norm.
(3)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(4)
Ensured, but not 100% production tested. These limits are not used to calculate outgoing quality levels.
(5)
The entire write pulse must occur within the valid data interval for the specified tW, tDS, tDH, and tS to apply.
Switching Waveform
Definition of Package Pinouts
Control Signals
(All control signals level actuated)
CS:
Chip Select (active low). The CS in combination with ILE will enable WR1.
ILE:
Input Latch Enable (active high). The ILE in combination with CS enables WR1.
WR1: Write 1. The active low WR1 is used to load the digital input data bits (DI) into the input latch. The data in
the input latch is latched when WR1 is high. To update the input latch–CS and WR1 must be low while ILE
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC0830 DAC0832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com