Electronic Components Datasheet Search
  English  ▼

X  

LM3532 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3532
Description  LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3532 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3532_13 Datasheet HTML 17Page - Texas Instruments LM3532_13 Datasheet HTML 18Page - Texas Instruments LM3532_13 Datasheet HTML 19Page - Texas Instruments LM3532_13 Datasheet HTML 20Page - Texas Instruments LM3532_13 Datasheet HTML 21Page - Texas Instruments LM3532_13 Datasheet HTML 22Page - Texas Instruments LM3532_13 Datasheet HTML 23Page - Texas Instruments LM3532_13 Datasheet HTML 24Page - Texas Instruments LM3532_13 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
VALS_
Enable ALS
1
2V
2
3
4
5
6
7
Zone 4
Zone 3
Zone 2
Zone 1
Zone 0
Current Average Zone
4
*Note:it takes a full
average period to
generate an averager
output value
3
3
2
1
8
9
10
11
12
2
3
3
3
4
4
4
ILED
4
Zone 4 Brightness Target
Averager Ouput
4
3
3
2
1
2
3
3
3
4
4
4
4
0
ALS Fast Start-Up
13
Average
Period #
LED Current Run Time
Ramp Down
Zone 3 Brightness Target
Zone 2 Brightness Target
Zone 1 Brightness Target
Zone 4 Brightness Target
LED Current Run
Time Ramp Up
4
LM3532
www.ti.com
SNVS653D – JULY 2011 – REVISED JUNE 2013
9. The 8th average period the ALS voltage averages to Zone 3. The Averager Output changes from Zone 2 to
Zone 3.
10. The 9th average period the ALS voltage averages to Zone 3. The Averager Output remains at Zone 3. Since
this is the 3rd average period that the Averager Output has shown a change in the increasing direction from
the initial Zone 1, the backlight current is forced to change to the current Averager Output (Zone 3's) target
current.
11. The 10th average period the ALS voltage averages to Zone 4. The Averager Output remains at Zone 3.
12. The 11th average period the ALS voltage averages to Zone 4. The Averager Output changes to Zone 4.
13. The 12th average period the ALS voltage averages to Zone 4. The Averager Output remains at Zone 4.
14. The 13th average period the ALS voltage averages to Zone 4. The Averager Output remains at Zone 4.
Since this is the 3rd average period that the Averager Output has shown a change in the increasing direction
from the initial Zone 3, the backlight current is forced to change to the current Averager Output (Zone 4's)
target current.
Figure 36. Direct ALS Control
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com