Electronic Components Datasheet Search
  English  ▼

X  

LM3532 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3532
Description  LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3532 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3532_13 Datasheet HTML 5Page - Texas Instruments LM3532_13 Datasheet HTML 6Page - Texas Instruments LM3532_13 Datasheet HTML 7Page - Texas Instruments LM3532_13 Datasheet HTML 8Page - Texas Instruments LM3532_13 Datasheet HTML 9Page - Texas Instruments LM3532_13 Datasheet HTML 10Page - Texas Instruments LM3532_13 Datasheet HTML 11Page - Texas Instruments LM3532_13 Datasheet HTML 12Page - Texas Instruments LM3532_13 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
0.01
0.1
1
10
100
fPWM (kHz)
22.0
20.0
18.0
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0.0
0
32
64
96
128 160 192 224 256
Code (D)
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
-0.10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
10.000
8.000
6.000
4.000
2.000
0.000
-2.000
-4.000
-6.000
-8.000
-10.000
85°C
25°C
-40°C
0
32
64
96
128 160 192 224 256
Code (D)
1.00
0.75
0.50
0.25
0.00
-0.25
-0.50
-0.75
-1.00
2.5
3.1
3.7
4.3
4.9
5.5
VIN (V)
500
450
400
350
300
250
200
150
100
50
TA = +85°C
TA = +25°C
TA = -40°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
2.450k
2.448k
2.446k
2.444k
2.442k
2.440k
2.438k
2.436k
85°C
25°C
-40°C
LM3532
www.ti.com
SNVS653D – JULY 2011 – REVISED JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, LEDs (VF = 3.2V@20 mA, TA = 25°C), COUT = 1µF, CIN = 2.2 µF, L = Coilcraft LPS4018 (10 µH or 22 µH), TA =
+25°C unless otherwise specified.
Current Sink Matching vs VIN
ILED1 to ILED2 to ILED3
ALS Resistance vs VIN
(
ΔILED is worst case difference between all three strings)
RALS1, (2.44kΩ setting)
Figure 20.
Figure 21.
ALS Resistor Matching vs VIN
Integral Non Linearity vs Code
(2.44k
Ω setting)
(Endpoint Method)
Figure 22.
Figure 23.
Differential Non Linearity vs Code
Peak to Peak LED Current Ripple vs fPWM
Figure 24.
Figure 25.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com