Electronic Components Datasheet Search
  English  ▼

X  

LM3532 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3532
Description  LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3532 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3532_13 Datasheet HTML 9Page - Texas Instruments LM3532_13 Datasheet HTML 10Page - Texas Instruments LM3532_13 Datasheet HTML 11Page - Texas Instruments LM3532_13 Datasheet HTML 12Page - Texas Instruments LM3532_13 Datasheet HTML 13Page - Texas Instruments LM3532_13 Datasheet HTML 14Page - Texas Instruments LM3532_13 Datasheet HTML 15Page - Texas Instruments LM3532_13 Datasheet HTML 16Page - Texas Instruments LM3532_13 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
0.1
1
10
100
0
BRIGHTNESS CODE (D)
16 32
64 80 96 112 128 144 160 176 192 208 224 240 256
48
x
=
_
85
.
0
FULLSCALE
LED
LED
I
I
«
¬
ª
-
40 ¨
©
§
¸
¹
·
4
.
6
+1
Code
»
¼
º
PWM
x D
LM3532
www.ti.com
SNVS653D – JULY 2011 – REVISED JUNE 2013
3. Ramp up from one brightness level to the next
4. Ramp down from one brightness level to the next
See Table 4 and Table 5.
Startup and Shutdown Current Ramping
The startup and shutdown ramp rates are independently programmable in the startup/Shutdown Ramp Rate
Register (see Table 4). There are 8 different startup and 8 different shutdown ramp rates. The startup ramp rates
are independently programmable from the shutdown ramp rates, but not independently programmable for each
Control Bank. For example, programming a startup or shutdown ramp rate, programs the same ramp rate for
each Control Bank.
Run Time Ramp Rates
Current ramping from one brightness level to the next is programmed via the Run Time Ramp Rate Register (see
Table 5). There are 8 different ramp-up and 8 different ramp-down rates. The ramp-up rate is independently
programmable from the ramp-down rate, but not independently programmable for each Control Bank. For
example, programming a ramp-up or a ramp-down rate programs the same rate for each Control Bank.
LED Current Mapping Modes
All LED current brightness codes are 8 bits (256 different levels), where each bit represents a percentage of the
programmed full-scale current setting for that particular Control Bank. The percentage of the full-scale current is
different depending on which mapping mode is selected. The mapping mode can be either exponential or linear.
Mapping mode is selected via bit [1] of the Control A, B, or C Brightness Configuration Registers.
Exponential Current Mapping Mode
In exponential mapping mode, the backlight code to LED current approximates the following equation:
(1)
where Code is the 8-bit code in the programmed brightness register and DPWM is the duty cycle of the PWM input
that is assigned to the particular control bank. For the exponential mapped mode (Figure 29) shows the typical
response of % full-scale current setting vs 8-bit brightness code.
Figure 29. Exponential Mapping Response
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com