Electronic Components Datasheet Search
  English  ▼

X  

LM3532 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3532
Description  LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3532 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3532_13 Datasheet HTML 3Page - Texas Instruments LM3532_13 Datasheet HTML 4Page - Texas Instruments LM3532_13 Datasheet HTML 5Page - Texas Instruments LM3532_13 Datasheet HTML 6Page - Texas Instruments LM3532_13 Datasheet HTML 7Page - Texas Instruments LM3532_13 Datasheet HTML 8Page - Texas Instruments LM3532_13 Datasheet HTML 9Page - Texas Instruments LM3532_13 Datasheet HTML 10Page - Texas Instruments LM3532_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
2.3
2.9
3.6
4.2
4.9
5.5
VIN (V)
94
92
90
88
86
84
82
80
78
76
74
72
3 LEDs
5 LEDs
7 LEDs
9 LEDs
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
94
92
90
88
86
84
82
80
78
76
74
72
70
4 LEDs
6 LEDs
8 LEDs
10 LEDs
2.5
3.0
3.5
4.0
4.5
5.0
5.5
94
92
90
88
86
84
82
80
78
76
74
72
VIN (V)
9 LEDs
7 LEDs
5 LEDs
3 LEDs
2.5
3.0
3.5
4.0
4.5
5.0
5.5
94
92
90
88
86
84
82
80
78
76
74
72
70
68
66
VIN (V)
10 LEDs
8 LEDs
6 LEDs
4 LEDs
2.5
3.0
3.5
4.0
4.5
5.0
5.5
92
90
88
86
84
82
80
78
76
74
VIN (V)
9 LEDs
7 LEDs
5 LEDs
3 LEDs
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
92
90
88
86
84
82
80
78
76
10 LEDs
8 LEDs
6 LEDs
4 LEDs
LM3532
www.ti.com
SNVS653D – JULY 2011 – REVISED JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, LEDs (VF = 3.2V@20 mA, TA = 25°C), COUT = 1µF, CIN = 2.2 µF, L = Coilcraft LPS4018 (10 µH or 22 µH), TA =
+25°C unless otherwise specified.
Efficiency vs VIN
Efficiency vs VIN
Single String, ILED = 20.2mA per string
Single String, ILED = 20.2mA per string
L = LPS4018-223ML (22µH)
L = LPS4018-223ML (22µH)
Figure 8.
Figure 9.
Efficiency vs VIN
Efficiency vs VIN
Dual String, ILED = 20.2mA per string
Dual String, ILED = 20.2mA per string
L = LPS4018-223ML (22µH)
L = LPS4018-223ML (22µH)
Figure 10.
Figure 11.
Efficiency vs VIN
Efficiency vs VIN
Triple String, ILED = 20.2mA per string
Triple String, ILED = 20.2mA per string
L = LPS4018-223ML (22µH)
L = LPS4018-223ML (22µH)
Figure 12.
Figure 13.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com