Electronic Components Datasheet Search
  English  ▼

X  

LM3532 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM3532
Description  LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3532 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM3532_13 Datasheet HTML 28Page - Texas Instruments LM3532_13 Datasheet HTML 29Page - Texas Instruments LM3532_13 Datasheet HTML 30Page - Texas Instruments LM3532_13 Datasheet HTML 31Page - Texas Instruments LM3532_13 Datasheet HTML 32Page - Texas Instruments LM3532_13 Datasheet HTML 33Page - Texas Instruments LM3532_13 Datasheet HTML 34Page - Texas Instruments LM3532_13 Datasheet HTML 35Page - Texas Instruments LM3532_13 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
LM3532
SNVS653D – JULY 2011 – REVISED JUNE 2013
www.ti.com
Control Enable
The Control Enable register contains the bits to turn on/off the individual Control Banks (A, B, or C). Once one of
these bits is programmed high, the current sink(s) assigned to the selected control banks are enabled.
Table 14. Control Enable Register Description (Address 0x1D)
Bits (7:3)
Bit 2
Bit 1
Bit 0
(Not Used)
Control C Enable
Control B Enable
Control A Enable
N/A
0 = Control C is
0 = Control B is
0 = Control A is
disabled (default)
disabled (default)
disabled (default)
1 = Control C is
1 = Control B is
1 = Control A is
enabled
enabled
enabled
ALS1 & 2 Resistor Select
The ALS Resistor Select Registers program the internal pulldown resistor at the ALS1/ALS2 input. Each ALS
input has its own resistor select register (ALS1 Resistor Select Register, Address 0x20) and (ALS2 Resistor
Select Register, Address 0x21). Each ALS input can be set independent of the other. There are 32 available
resistors including a high impedance setting. The full-scale input voltage range at either ALS input is 2V.
32
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com