Electronic Components Datasheet Search
  English  ▼

X  

LM7705 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM7705
Description  LM7705 Low Noise Negative Bias Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7705 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM7705 Datasheet HTML 8Page - Texas Instruments LM7705 Datasheet HTML 9Page - Texas Instruments LM7705 Datasheet HTML 10Page - Texas Instruments LM7705 Datasheet HTML 11Page - Texas Instruments LM7705 Datasheet HTML 12Page - Texas Instruments LM7705 Datasheet HTML 13Page - Texas Instruments LM7705 Datasheet HTML 14Page - Texas Instruments LM7705 Datasheet HTML 15Page - Texas Instruments LM7705 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
+V
ADC
RF1
-
+
VREF
RG1
GAIN = 50x
ADC122S021
LMP7701
SENSOR
VIN
+V
-
+
0V
VOUT
0V
VDSAT
INPUT VOLTAGE (V)
V+
0
0
V+
VDSAT
OUTPUT SATURATION
LM7705
SNVS420B – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
Figure 27. Limitation of the Output of an Amplifier
The introduction of operational amplifiers with output Rail-to-rail drive capabilities is a strong improvement and
the (output) performance of op amps is for many applications no longer a limiting factor. For example, Texas
Instruments' LMP7701 (a typical rail-to-rail op amp), has an output drive capability of only 50 mV over all
temperatures for a 10 k
Ω load resistance. This is close to the lower supply voltage rail.
However, for true zero output applications with a single supply, the saturation voltage of the output stage is still a
limiting factor. This limitation has a negative impact on the functionality of true zero output applications. This is
illustrated in Figure 28.
Figure 28. Output Limitation for Single Supply True Zero Output Aapplication
In the following section, two applications will be discussed, showing the limitations of the output stage of an op
amp in a single supply configuration.
•
A single stage true zero amplifier, with a 12 bit ADC back end.
•
A dual stage true zero amplifier, with a 12 bit ADC back end.
One-stage, Single Supply True Zero Amplifier
This application shows a sensor with a DC output signal, amplified by a single supply op amp. The output voltage
of the op amp is converted to the digital domain using an Analog to Digital Converter (ADC). Figure 29 shows the
basic setup of this application.
Figure 29. Sensor with DC Output and a Single Supply Op Amp
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com