Electronic Components Datasheet Search
  English  ▼

X  

LM7705 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM7705
Description  LM7705 Low Noise Negative Bias Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7705 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM7705 Datasheet HTML 12Page - Texas Instruments LM7705 Datasheet HTML 13Page - Texas Instruments LM7705 Datasheet HTML 14Page - Texas Instruments LM7705 Datasheet HTML 15Page - Texas Instruments LM7705 Datasheet HTML 16Page - Texas Instruments LM7705 Datasheet HTML 17Page - Texas Instruments LM7705 Datasheet HTML 18Page - Texas Instruments LM7705 Datasheet HTML 19Page - Texas Instruments LM7705 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TIME (SAMPLES)
0.050
0.040
0.030
0.020
0.010
0.000
0
80
160
240
320
400
VDSAT
TIME (SAMPLES)
0.050
0.040
0.030
0.020
0.010
0.000
0
80
160
240
320
400
LM7705
SNVS420B – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
A
B
Figure 33. Digitized Output Voltage without (A) and with (B) LM7705
Figure 33A shows the digitized output voltage of the op amp when its negative supply pin is connected to ground
level. The output of the amplifier saturates at a level of 14 mv (this is in line with the typical value of 18 mV given
in the datasheet) The graph shows some fluctuations (1 bit quantization error). Figure 33B show the digitized
output voltage of the op amp when its negative supply pin is connected to the output of the LM7705. Again, the
graph shows some 1 bit quantization errors caused by the voltage ripple and output noise. In this case the op
amps output level can reach the true zero output level.
The graphs in Figure 33 show that:
•
With a single supply, the output of the amplifier is limited by the VDSAT of the output stage.
•
The amplifier can be used as a true zero output using a LM7705.
•
The quantization error of the digitized output voltage is caused by the noise and the voltage ripple.
•
Using the LM7705 does not increase the quantization error in this set up.
DESIGN RECOMMENDATIONS
The LM7705 is a switched capacitor voltage inverter. This means that charge is transferred from different
external capacitors, to generate a negative voltage. For this reason the part is very sensitive for contact
resistance between the package and external capacitors. It’s also recommended to use low ESR capacitors for
CFLY, CRES and COUT in combination with short traces.
To prevent large variations at the VDD pin of the package it is recommended to add a decouple capacitor as
close to the pin as possible.
The output voltage noise can be suppressed using a small RF capacitor, will a value of e.g. 100 nF.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com