Electronic Components Datasheet Search
  English  ▼

X  

LM7705 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM7705
Description  LM7705 Low Noise Negative Bias Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7705 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM7705 Datasheet HTML 11Page - Texas Instruments LM7705 Datasheet HTML 12Page - Texas Instruments LM7705 Datasheet HTML 13Page - Texas Instruments LM7705 Datasheet HTML 14Page - Texas Instruments LM7705 Datasheet HTML 15Page - Texas Instruments LM7705 Datasheet HTML 16Page - Texas Instruments LM7705 Datasheet HTML 17Page - Texas Instruments LM7705 Datasheet HTML 18Page - Texas Instruments LM7705 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
VIN
+V
ADC
-
+
VREF
LMP7701
ADC122S021
SDO
LM7705
+V
COUT
CRES
CFLY
B
A
-V
LM7705
www.ti.com
SNVS420B – NOVEMBER 2008 – REVISED MARCH 2013
Figure 32. Typical True Zero Output Voltage Application with/without LM7705
The output voltage of the LMP7701 is converted to the digital domain using an ADC122S021. This is an 12 bit
analog to digital converter with a serial data output. Data processing and graphical displaying is done with a
computer. The negative power supply pin of the op amp can be connected to ground level or to the output of the
negative bias generator, to demonstrate the effect at the output voltage range of the op amp.
The key specifications of the used components are given in the next part of the section.
Supply Voltage/Reference Voltage
Supply voltage
+5V
ADC Voltage Reference
+5V
LMP7701
VDSAT (typical)
18 mV
VDSAT (over temperature)
50 mV
LM7705
Output voltage ripple
4 mVPP
Output voltage noise
10 mVPP
ADC
Type
ADC122S021
Resolution
12 bit
Quantization level
5V/4096 = 1.2mV
Measurement Results
The output voltage range of the LMP7701 has been measured, especially the range to ground level. A small DC
signal, with a voltage swing of 50 mVPP is applied to the input. The digitized output voltage of the op amp is
measured over a given time period, when its negative supply pin is connected to ground level or connected to
the output of the LM7705.
Figure 33A and Figure 33B show the digitized output voltage of the LMP7701 op amp.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com