Electronic Components Datasheet Search
  English  ▼

X  

LM7705 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM7705
Description  LM7705 Low Noise Negative Bias Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7705 Datasheet(HTML) 3 Page - Texas Instruments

  LM7705 Datasheet HTML 1Page - Texas Instruments LM7705 Datasheet HTML 2Page - Texas Instruments LM7705 Datasheet HTML 3Page - Texas Instruments LM7705 Datasheet HTML 4Page - Texas Instruments LM7705 Datasheet HTML 5Page - Texas Instruments LM7705 Datasheet HTML 6Page - Texas Instruments LM7705 Datasheet HTML 7Page - Texas Instruments LM7705 Datasheet HTML 8Page - Texas Instruments LM7705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM7705
www.ti.com
SNVS420B – NOVEMBER 2008 – REVISED MARCH 2013
3.3V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, VDD = 3.3V, VSS = 0V, SD = 0V, CFLY= 5 µF, CRES = 22 µF,
COUT = 22 µF. Boldface limits apply at temperature extremes
(1).
Symbol
Parameter
Conditions
Min(2)
Typical(3)
Max(2)
Units
VIL
Shutdown Input Low
1.6
V
1.25
VIH
Shutdown Input High
1.85
V
2.15
IC
Shutdown Pin Input Current
SD = VDD
50
pA
Load Regulation
0 mA
≤ IOUT ≤ −20 mA
0.12
0.6
%/mA
0.85
Line Regulation
3V
≤ VDD ≤ 5.25V (No Load)
-0.2
0.29
0.7
%/V
1.1
5.0V Electrical Characteristics
Unless otherwise specified, all limits are ensured for TA = 25°C, VDD = 5.0V, VSS = 0V, SD = 0V, CFLY = 5 µF, CRES = 22 µF,
COUT = 22 µF. Boldface limits apply at temperature extremes
(1).
Symbol
Parameter
Conditions
Min(2)
Typical(3)
Max(2)
Units
VOUT
Output Voltage
IOUT = 0 mA
−0.242
−0.233
−0.219
−0.251
−0.209
V
IOUT = −20 mA
−0.242
−0.226
−0.219
−0.251
−0.209
VR
Output Voltage Ripple
IOUT = −20 mA
4
mVPP
IS
Supply Current
No Load
60
103
135
μA
240
ISD
Shutdown Supply Current
SD = VDD
20
nA
ηPOWER
Current Conversion Efficiency
−5 mA ≤ IOUT ≤ −20 mA
98
%
ηPOWER
Current Conversion Efficiency
IOUT = −5 mA
98
%
tON
Turn On Time
IOUT = −5 mA
200
μs
t OFF
Turn Off Time
IOUT = −5 mA
700
μs
tOFF CP
Turn Off Time Charge Pump
IOUT = −5 mA
11
μs
ZOUT
Output Impedance
−1 mA ≤ IOUT ≤ −20 mA
0.26
0.8
Ω
1.3
IO_MAX
Maximum Output Current
VOUT < − 200 mV
−35
mA
fOSC
Oscillator Frequency
91
kHz
VIL
Shutdown Input Low
2.55
V
1.95
VIH
Shutdown Input High
2.8
V
3.25
IC
Shutdown Pin Input Current
SD = VDD
50
pA
Load Regulation
0 mA
≤ IOUT ≤ −20 mA
0.14
0.6
%/mA
0.85
Line Regulation
3V
≤ VDD ≤ 5.25V (No Load)
−0.2
0.29
0.7
%/V
1.1
(1)
Boldface limits apply to temperature range of
−40°C to 125°C
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com