Electronic Components Datasheet Search
  English  ▼

X  

LM7705 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM7705
Description  LM7705 Low Noise Negative Bias Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7705 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM7705 Datasheet HTML 10Page - Texas Instruments LM7705 Datasheet HTML 11Page - Texas Instruments LM7705 Datasheet HTML 12Page - Texas Instruments LM7705 Datasheet HTML 13Page - Texas Instruments LM7705 Datasheet HTML 14Page - Texas Instruments LM7705 Datasheet HTML 15Page - Texas Instruments LM7705 Datasheet HTML 16Page - Texas Instruments LM7705 Datasheet HTML 17Page - Texas Instruments LM7705 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
VIN
+V
-
+
0V
VOUT
0V
-V
LM7705
SNVS420B – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
Dual Supply, True Zero Amplifiers
The limitations of the output stage of the op amp, as indicated in both examples, can be omitted by using a dual
supply op amp. The output stage of the used op amp can then still swing from 50 mV of the supply rails.
However, the functional output range of the op amp is now from ground level to a value near the positive supply
rail. Figure 31 shows the output drive of an amplifier in a true zero output voltage application.
Figure 31. Amplifier output drive with a dual supply
Disadvantages of this solution are:
•
The usage of a dual supply instead of a simple single supply is more expensive.
•
A dual supply voltage for the op amps requires parts that can handle a larger operating range for the supply
voltage. If the op amps used in the current solution can’t handle this, a redesign can be required.
A better solution is to use the LM7705. This low noise negative bias generator has some major advantages with
respect to a dual supply solution:
•
Operates with only a single positive supply, and is therefore a much cheaper solution.
•
The LM7705 generates a negative supply voltage of only
−0.23V. This is more than enough to create a True-
zero output for most op amps.
•
In many applications, this “small” extension of the supply voltage range can be within the abs max rating for
many op amps, so an expensive redesign is not necessary.
In the next section a typical amplifier application will be evaluated. The performance of an amplifier will be
measured in a single supply configuration. The results will be compared with an amplifier using a LM7705
supplying a negative voltage to the bias pin.
TYPICAL AMPLIFIER APPLICATION
This section shows the measurement results of a true zero output amplifier application with an analog to digital
converter (ADC) used as back-end. The biasing of the op amp can be done in two ways:
•
A single supply configuration
•
A single supply in combination with the LM7705, extending the negative supply from ground level to a fixed -
0.23 Voltage.
Basic Setup
The basic setup of this true zero output amplifier is given in Figure 32. The LMP7701 op amp is configured as a
voltage follower to demonstrate the output limitation, due to the saturation of the output stage. The negative
power supply pin of the op amp can be connected to ground level or to the output of the negative bias generator,
to demonstrate the VDSAT effect at the output voltage range.
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com