Electronic Components Datasheet Search
  English  ▼

X  

SBAS052 Datasheet(PDF) 5 Page - Texas Instruments

Part # SBAS052
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER MPEG2/AC-3 COMPATIBLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SBAS052 Datasheet(HTML) 5 Page - Texas Instruments

  SBAS052 Datasheet HTML 1Page - Texas Instruments SBAS052 Datasheet HTML 2Page - Texas Instruments SBAS052 Datasheet HTML 3Page - Texas Instruments SBAS052 Datasheet HTML 4Page - Texas Instruments SBAS052 Datasheet HTML 5Page - Texas Instruments SBAS052 Datasheet HTML 6Page - Texas Instruments SBAS052 Datasheet HTML 7Page - Texas Instruments SBAS052 Datasheet HTML 8Page - Texas Instruments SBAS052 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
®
PCM1720
5
DE-EMPHASIS ERROR (3kHz)
0
3628
7256
10884
14512
0
4999.8375
9999.675
14999.5125
19999.35
0
5442
10884
16326
21768
Frequency (Hz)
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
DE-EMPHASIS ERROR (44.1kHz)
Frequency (Hz)
DE-EMPHASIS ERROR (48kHz)
Frequency (Hz)
PASSBAND RIPPLE CHARACTERISTIC
0
–0.2
–0.4
–0.6
–0.8
–1
0
0.1134f
S
0.2268f
S
0.3402f
S
0.4535f
S
Frequency (Hz)
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = VDD = +5V, RL = 44.1kHz, fSYS = 384fS, and 16-bit input data, unless otherwise noted.
DIGITAL FILTER
0 0.4536f
S
1.3605f
S
2.2675f
S
3.1745f
S
4.0815f
S
0
–20
–40
–60
–80
–100
OVERALL FREQUENCY CHARACTERISTIC
Frequency (Hz)
DE-EMPHASIS FREQUENCY RESPONSE (3kHz)
0
5k
10k
15k
20k
25k
Frequency (Hz)
0
–2
–4
–6
–8
–10
–12
DE-EMPHASIS FREQUENCY RESPONSE (44.1kHz)
0
5k
10k
15k
20k
25k
Frequency (Hz)
0
–2
–4
–6
–8
–10
–12
DE-EMPHASIS FREQUENCY RESPONSE (48kHz)
0
5k
10k
15k
20k
25k
Frequency (Hz)
0
–2
–4
–6
–8
–10
–12
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com