Electronic Components Datasheet Search
  English  ▼

X  

SBAS052 Datasheet(PDF) 8 Page - Texas Instruments

Part # SBAS052
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER MPEG2/AC-3 COMPATIBLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SBAS052 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SBAS052 Datasheet HTML 4Page - Texas Instruments SBAS052 Datasheet HTML 5Page - Texas Instruments SBAS052 Datasheet HTML 6Page - Texas Instruments SBAS052 Datasheet HTML 7Page - Texas Instruments SBAS052 Datasheet HTML 8Page - Texas Instruments SBAS052 Datasheet HTML 9Page - Texas Instruments SBAS052 Datasheet HTML 10Page - Texas Instruments SBAS052 Datasheet HTML 11Page - Texas Instruments SBAS052 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
®
PCM1720
8
MAPPING OF PROGRAM REGISTERS
ATTENUATION DATA LOAD CONTROL, LCH
Bit 8 (LDL) is used to simultaneously set analog outputs of
Lch and Rch. An output level is controlled by AL[0:7]
attenuation data when this bit is set to 1. When set to 0, an
output level is not controlled and remains at the previous
attenuation level. A LDR bit in Register 1 has an equivalent
function as the LDL. When one of LDL or LDR is set to 1,
the output level of the left and right channel is simulta-
neously controlled. The attenuation level is given by:
ATT = 20 log (y/256) (dB), where y = x, when
0 ≤ x ≤ 254
y = x + 1, when x = 255
X is the user-determined step number, an integer value
between 0 and 255.
Example:
let x = 255
let x = 254
let x = 1
let x = 0
REGISTER 1 (A1 = 0, A0 = 1)
B15 B14 B13 B12 B11 B10 B9 B8
B7 B6
B5 B4 B3
B2 B1
B0
res res res res res
A1 A0 LDR AR7 AR6 AR5 AR4 AR3 AR2 AR1 AR0
Register 1 is used to control right channel attenuation. As
in Register 1, bits 0 - 7 (AR0 - AR7) control the level of
attenuation.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 0
res
res
res
res
res
A1
A0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
REGISTER 1
res
res
res
res
res
A1
A0
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
REGISTER 2
res
res
res
res
res
A1
A0
PL3
PL2
PL1
PL0
IW1
IW0
OPE
DEM
MUT
REGISTER 3
res
res
res
res
res
A1
A0
IZD
SF1
SF0
res
res
res
ATC
LRP
I2S
PROGRAM REGISTER BIT MAPPING
PCM1720’s special functions are controlled using four pro-
gram registers which are 16 bits long. These registers are all
loaded using MD. After the 16 data bits are clocked in, ML
is used to latch in the data to the appropriate register. Table
III shows the complete mapping of the four registers and
Figure 6 illustrates the data input timing.
ATT
= 20 log
255
+1
256
 =
0dB
ATT
= 20 log
254
256
 =
–0. 068dB
ATT
= 20 log
1
256
 =
– 48.16dB
ATT
= 20 log
0
256
 =
–
∞
REGISTER 0 (A1 = 0, A0 = 0)
B15 B14 B13 B12 B11 B10 B9
B8
B7 B6
B5 B4 B3
B2 B1
B0
res
res res res res A1 A0 LDL AL7 AL6 AL5 AL4 AL3 AL2 AL1 AL0
REGISTER
BIT
NAME
NAME
DESCRIPTION
Register 0
AL (7:0)
DAC Attenuation Data for Lch
LDL
Attenuation Data Load Control for Lch
A (1:0)
Register Address
res
Reserved
Register 1
AR (7:0)
DAC Attentuation Data for Rch
LDL
Attenuation Data Load Control for Rch
A (1:0)
Register Address
res
Reserved
Register 2
MUT
Left and Right DACs Soft Mute Control
DEM
De-emphasis Control
OPE
Left and Right DACs Operation Control
IW (1:0)
Input Audio Data Bit Select
PL (3:0)
Output Mode Select
A (1:0)
Register Address
res
Reserved
Register 3
I2S
Audio Data Format Select
LRP
Polarity of LRCIN (pin 7) Select
ATC
Attenuator Control
SYS
System Clock Select
SF (1:0)
Sampling Rate Select
IZD
Infinite Zero Detection Circuit Control
A (1:0)
Register Address
res
Reserved
Register 0 is used to control left channel attenuation. Bits
0 - 7 (AL0 - AL7) are used to determine the attenuation
level. The level of attenuation is given by:
ATT = [20 log10 (ATT_DATA/255)] dB
TABLE III. Internal Register Mapping.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com