Electronic Components Datasheet Search
  English  ▼

X  

SBAS052 Datasheet(PDF) 7 Page - Texas Instruments

Part # SBAS052
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER MPEG2/AC-3 COMPATIBLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SBAS052 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SBAS052 Datasheet HTML 3Page - Texas Instruments SBAS052 Datasheet HTML 4Page - Texas Instruments SBAS052 Datasheet HTML 5Page - Texas Instruments SBAS052 Datasheet HTML 6Page - Texas Instruments SBAS052 Datasheet HTML 7Page - Texas Instruments SBAS052 Datasheet HTML 8Page - Texas Instruments SBAS052 Datasheet HTML 9Page - Texas Instruments SBAS052 Datasheet HTML 10Page - Texas Instruments SBAS052 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
®
PCM1720
7
TYPICAL CONNECTION DIAGRAM
Figure 4 illustrates the typical connection diagram for
PCM1720 used in a stand-alone application.
SYSTEM CLOCK
The system clock for PCM1720 must be either 256fS or
384f
S, where fS is the audio sampling frequency (LRCIN),
typically 32kHz, 44.1kHz or 48kHz. The system clock is
used to operate the digital filter and the noise shaper. The
system clock input (SCKI) is at pin 2.
PCM1720 has a system clock detection circuit which auto-
matically detects the frequency, either 256fS or 384fS. The
system clock should be synchronized with LRCIN (pin 16),
but PCM1720 can compensate for phase differences. If the
phase difference between LRCIN and system clock is greater
than
±6 bit clocks (BCKIN), the synchronization is per-
formed automatically. The analog outputs are forced to a
bipolar zero state (VCC/2) during the synchronization func-
tion. Table I shows the typical system clock frequency
inputs for the PCM1720.
FIGURE 4. Typical Connection Diagram.
SAMPLING
SYSTEM CLOCK
RATE (LRCIN)
FREQUENCY (MHz)
256fS
384fS
32kHz
8.192
12.288
44.1kHz
11.2896
16.9340
48kHz
12.288
18.432
TABLE I. System Clock Frequencies vs Sampling Rate.
SPECIAL FUNCTIONS
PCM1720 includes several special functions, including digi-
tal attenuation, digital de-emphasis, soft mute, data format
selection and input word resolution. These functions are
controlled using a three-wire interface. MD (pin 6) is used
for the program data, MC (pin 5) is used to clock in the
program data, and ML (pin 4) is used to latch in the program
data. Table II lists the selectable special functions.
FUNCTION
DEFAULT MODE
Input Audio Data Format Selection
Normal Format
Normal Format
I2S Format
Input Audio Data Bit Selection
16/20/24 Bits
16 Bits
Input LRCIN Polarity Selection
Lch/Rch = High/Low
Lch/Rch = High/Low
Lch/Rch = Low/High
De-emphasis Control
OFF
Soft Mute Control
OFF
Attenuation Control
0dB
Lch, Rch Individually
Lch, Rch Individually Fixed
Lch, Rch Common
Infinite Zero Detection Circuit Control
OFF
Operation Enable (OPE)
Enabled
Sample Rate Selection
Internal System Clock Selection
256fS
384fS
384fS
Sampling Frequency
44.1kHz Group
44.1kHz
48kHz Group
32kHz Group
Analog Output Mode
L, R, Mono, Mute
Stereo
TABLE II. Selectable Functions.
DIN
BCKIN
LRCIN
SCKI
15
14
16
2
4
5
6
7
ML
MC
MD
RSTB
12
13
20
19
9
8
10
11
PCM
Audio Data
Processor
256f
S/384fS CLK
AGND
DGND
V
CC
+5V Analog
+5V Analog
V
DD
V
OUTL
V
OUTR
ZERO
CAP
PCM1720
+
10µF
Post
LPF
Post
LPF
Analog
Mute
Analog
Mute
STRB
SCKO
SDO
PIO
System
Controller
Rch Analog Out
Lch Analog Out
200
Ω
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com