Electronic Components Datasheet Search
  English  ▼

X  

SBAS052 Datasheet(PDF) 13 Page - Texas Instruments

Part # SBAS052
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER MPEG2/AC-3 COMPATIBLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SBAS052 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SBAS052 Datasheet HTML 9Page - Texas Instruments SBAS052 Datasheet HTML 10Page - Texas Instruments SBAS052 Datasheet HTML 11Page - Texas Instruments SBAS052 Datasheet HTML 12Page - Texas Instruments SBAS052 Datasheet HTML 13Page - Texas Instruments SBAS052 Datasheet HTML 14Page - Texas Instruments SBAS052 Datasheet HTML 15Page - Texas Instruments SBAS052 Datasheet HTML 16Page - Texas Instruments SBAS052 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
®
PCM1720
13
AC-3 APPLICATION
Figure 13 shows the typical circuit diagram for Dolby AC-3, 5.1 channel system.
FIGURE 13. Connection Diagram for a 6-Channel AC-3 Application.
15
14
16
2
SCKO
LRCKO
SERO_0
SERO_1
SERO_2
SYSCKI
BCKIN
LRCIN
DIN
SCKI
ML
MC
MD
RSTB
V
OUTL
CAP
V
OUTR
ZERO
Master Clock
Generator
or
PLL
Reset
µP
STRB
SCKO
SDO
+5V Analog
Post
Low Pass
Filter
10µF
+
Three-wire I/F
(Serial I/O)
3
20
PCM1720
PCM1720
PCM1721
19
DGND
AC-3
Audio
Decoder
V
DD
AGND
V
CC
4
5
6
7
9
8
12
13
Analog
Mute
Analog Out
Post
Low Pass
Filter
Analog
Mute
Analog Out
Mute
Control
+5V Analog
10
11
200
Ω
15
14
16
2
BCKIN
LRCIN
DIN
SCKI
ML
MC
MD
RSTB
V
OUTL
CAP
V
OUTR
ZERO
+5V Analog
Post
Low Pass
Filter
10µF
+
20
19
DGND
V
DD
AGND
V
CC
4
5
6
7
9
8
12
13
Analog
Mute
Analog Out
Post
Low Pass
Filter
Analog
Mute
Analog Out
Mute
Control
+5V Analog
10
11
200
Ω
17
16
18
BCKIN
LRCIN
DIN
SCKO
SCKI
MCKI
ML
MC
MD
V
OUTL
CAP
V
OUTR
ZERO
+5V Analog
Post
Low Pass
Filter
10µF
+
22
23
21
3
DGND
PGND
V
DD
V
DP
AGND
RSTB
V
CC
6
7
8
9
11
10
14
15
2
4
1
Analog
Mute
Analog Out
Post
Low Pass
Filter
Analog
Mute
Analog Out
Mute
Control
+5V Analog
12
13
200
Ω
19
+
10µF
+
3.3µF
10µF
+
3.3µF
+
10µF
+
3.3µF
+
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com