Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2841
Description  LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2841 Datasheet(HTML) 3 Page - Texas Instruments

  LM2841 Datasheet HTML 1Page - Texas Instruments LM2841 Datasheet HTML 2Page - Texas Instruments LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM2841, LM2842
www.ti.com
SNVS540H – MARCH 2009 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
VIN
-0.3V to +45V
SHDN
-0.3V to (VIN+0.3V) <45V
SW Voltage
-0.3V to +45V
CB Voltage above SW Voltage
7V
FB Voltage
-0.3V to +5V
Maximum Junction Temperature
150°C
Power Dissipation(3)
Internally Limited
Lead Temperature
300°C
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
ESD Susceptibility(4)
Human Body Model
2 kV
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be ensured. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and
the regulator will go into thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage. Thermal
shutdown engages at TJ=175°C (typ.) and disengages at TJ= 155°C (typ).
(4)
Human Body Model, applicable std. JESD22-A114-C.
Operating Conditions
Operating Junction Temperature Range (1)
−40°C to +125°C
Storage Temperature
−65°C to +150°C
Input Voltage VIN
4.5V to 42V
SW Voltage
Up to 42V
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Electrical Characteristics
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are specified through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = +25°C, and are provided for reference purposes
only. Unless otherwise stated the following conditions apply: VIN = 12V.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
IQ
Quiescent current
SHDN = 0V
16
40
µA
Device On, Not Switching
1.30
1.75
mA
Device On, No Load
1.35
1.85
RDSON
Switch ON resistance
See(3)
0.9
1.6
Ω
ILSW
Switch leakage current
VIN = 42V
0.0
0.5
µA
ICL
Switch current limit
LM2840 (4)
525
900
mA
LM2841 (4)
525
900
mA
LM2842 (4)
1.15
1.7
A
IFB
Feedback pin bias current
LM2840/41/42 (5)
0.1
1.0
µA
VFB
FB Pin reference voltage
0.747
0.765
0.782
V
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Includes the bond wires, RDSON from VIN pin to SW pin.
(4)
Current limit at 0% duty cycle. May be lower at higher duty cycle or input voltages below 6V.
(5)
Bias currents flow into pin.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2841 LM2842



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com