Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2841
Description  LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2841 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2841 Datasheet HTML 2Page - Texas Instruments LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments LM2841 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1.1
1.7
2.3
2.8
3.4
4.0
SHDN PIN VOLTAGE (V)
1.2
1.0
0.9
0.7
0.6
0.4
LM2841, LM2842
SNVS540H – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Switch Current Limit vs. SHDN Pin Voltage
(Soft-start Implementation, LM2842)
SHDN Pin Current vs. SHDN Pin Voltage
Figure 8.
Figure 9.
Switching Node and Output Voltage Waveforms
Load Transient Waveforms
VIN = 12V, VOUT = 3.3V, IOUT = 200 mA
VIN = 12V, VOUT = 3.3V, IOUT = 300 mA to 200 mA to 300 mA
Top trace: VOUT, 10 mV/div, AC Coupled
Top trace: VOUT, 20 mV/div, AC Coupled
Bottom trace: SW, 5V/div, DC Coupled
Bottom trace: IOUT, 100 mA/div, DC Coupled
T = 1 µs/div
T = 200 µs/div
Figure 10.
Figure 11.
Start-up Waveform
VIN = 12V, VOUT = 3.3V, IOUT = 50 mA
Top trace: VOUT, 1V/div, DC Coupled
Bottom trace: SHDN, 2V/div, DC Coupled
T = 40 µs/div
Figure 12.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM2841 LM2842



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com