Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2841
Description  LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2841 Datasheet(HTML) 1 Page - Texas Instruments

  LM2841 Datasheet HTML 1Page - Texas Instruments LM2841 Datasheet HTML 2Page - Texas Instruments LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FB
GND
SW
CB
SHDN
LM2840/1/2-ADJL
VOUT
VIN
L1
D1
R1
R2
VIN
CBOOT
CIN
COUT
LM2841, LM2842
www.ti.com
SNVS540H – MARCH 2009 – REVISED APRIL 2013
LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input
Step-Down DC/DC Regulator in Thin SOT
Check for Samples: LM2841, LM2842
1
FEATURES
DESCRIPTION
The LM2840, LM2841 and LM2842 are PWM DC/DC
2
•
LM2840Q, LM2841-Q1 and LM2842-Q1 are
buck (step-down) regulators. With a wide input range
Automotive Grade Products that are AEC-Q100
from 4.5V-42V, they are suitable for a wide range of
Grade 1 Qualified (-40°C to +125°C Operating
applications
such
as
power
conditioning
from
Junction Temperature)
unregulated sources. They feature a low RDSON (0.9Ω
•
Input Voltage Range of 4.5V to 42V
typical) internal switch for maximum efficiency (85%
typical). Operating frequency is fixed at 550 kHz (X
•
Output Current Options of 100 mA, 300 mA
version) and 1.25 MHz (Y version) allowing the use of
and 600 mA
small external components while still being able to
•
Feedback Pin Voltage of 0.765V
have low output voltage ripple. Soft-start can be
•
550 kHz (X) or 1.25 MHz (Y) Switching
implemented using the shutdown pin with an external
Frequency
RC circuit allowing the user to tailor the soft-start time
to a specific application.
•
Low Shutdown IQ, 16 µA Typical
The LM2840 is optimized for up to 100 mA, the
•
Short Circuit Protected
LM2841 for 300 mA and the LM2842 is optimized for
•
Internally Compensated
up to 600 mA load currents. They all have a 0.765V
•
Soft-Start Circuitry
nominal feedback voltage.
•
Small Overall Solution Size (SOT-6L Package)
Additional features include: thermal shutdown, VIN
under-voltage lockout, and gate drive under-voltage
APPLICATIONS
lockout. The LM2840, LM2841 and LM2842 are
available in a low profile SOT-6L package.
•
Battery Powered Equipment
•
Industrial Distributed Power Applications
•
Portable Media Players
•
Portable Hand Held Instruments
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2841 TI-LM2841 Datasheet
848Kb / 20P
Input Step-Down DC/DC Regulator in Thin SOT
LM2841 TI2-LM2841 Datasheet
765Kb / 28P
LM284x SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
REVISED APRIL 2019
LM2841 TI2-LM2841 Datasheet
766Kb / 28P
LM284x-Q1 Automotive SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
APRIL 2019
LM2841-Q1 TI-LM2841-Q1 Datasheet
848Kb / 20P
Input Step-Down DC/DC Regulator in Thin SOT
More results

Similar Description - LM2841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
The LM2842 is a PWM DC/DC buck (step-down) regulator.
LP8728-Q1 TI1-LP8728-Q1 Datasheet
571Kb / 18P
LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LM2841 TI-LM2841_15 Datasheet
848Kb / 20P
Input Step-Down DC/DC Regulator in Thin SOT
LM3671 TI-LM3671_15 Datasheet
6Mb / 36P
LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
LP8728D-Q1 TI1-LP8728D-Q1 Datasheet
1Mb / 25P
LP8728D-Q1 Quad-Output Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com