Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2841
Description  LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2841 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments LM2841 Datasheet HTML 10Page - Texas Instruments LM2841 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Max Duty
Cycle Limit
OSC
DC
LIMIT
SET
+
+
-
+
PWM
Comp
RESET
FET
Driver
BUCK
DRIVE
+
-
Error
Amp
FB
Bandgap
Soft
Start
Thermal
Shutdown
TSD
SHDN
Inductor
Current
Measurement
CB
SW
GND
UVLO
Comp
BG
UVLO
Voltage
Regulator
VIN
LM2841, LM2842
www.ti.com
SNVS540H – MARCH 2009 – REVISED APRIL 2013
BLOCK DIAGRAM
Figure 13. Block Diagram
OPERATION
PROTECTION
The LM2840/1/2 has dedicated protection circuitry running during normal operation to protect the IC. The thermal
shutdown circuitry turns off the power device when the die temperature reaches excessive levels. The UVLO
comparator protects the power device during supply power startup and shutdown to prevent operation at
voltages less than the minimum input voltage. A gate drive (CB) under-voltage lockout is included to ensure that
there is enough gate drive voltage to drive the MOSFET before the device tries to start switching. The
LM2840/1/2 also features a shutdown mode decreasing the supply current to approximately 16 µA.
CONTINUOUS CONDUCTION MODE
The LM2840/1/2 contains a current-mode, PWM buck regulator. A buck regulator steps the input voltage down to
a lower output voltage. In continuous conduction mode (when the inductor current never reaches zero at steady
state), the buck regulator operates in two cycles. The power switch is connected between VIN and SW. In the first
cycle of operation the transistor is closed and the diode is reverse biased. Energy is collected in the inductor and
the load current is supplied by COUT and the rising current through the inductor. During the second cycle the
transistor is open and the diode is forward biased due to the fact that the inductor current cannot instantaneously
change direction. The energy stored in the inductor is transferred to the load and output capacitor. The ratio of
these two cycles determines the output voltage. The output voltage is defined approximately as: D=VOUT/VIN and
D’ = (1-D) where D is the duty cycle of the switch. D and D' will be required for design calculations.
DESIGN PROCEDURE
This section presents guidelines for selecting external components.
SETTING THE OUTPUT VOLTAGE
The output voltage is set using the feedback pin and a resistor divider connected to the output as shown on the
front page schematic. The feedback pin voltage 0.765V, so the ratio of the feedback resistors sets the output
voltage according to the following equation: VOUT=0.765V(1+(R1/R2))
Typically R2 will be given as 100
Ω-10 kΩ for a starting value. To solve for R1 given R2 and VOUT use
R1=R2((VOUT/0.765V)-1).
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2841 LM2842



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com