Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2841
Description  LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2841 Datasheet(HTML) 5 Page - Texas Instruments

  LM2841 Datasheet HTML 1Page - Texas Instruments LM2841 Datasheet HTML 2Page - Texas Instruments LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
1.0
1.6
2.2
2.8
3.4
4.0
800
600
400
200
0
SHDN PIN VOLTAGE (V)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
LOAD CURRENT (mA)
VIN = 12V
VIN = 24V
0.0
0.1
0.2
0.3
LOAD CURRENT (A)
0
20
40
60
80
100
VIN = 12V
VIN = 24V
0.4
0.5
0.6
VIN = 36V
0.0
0.1
0.2
0.3
LOAD CURRENT (A)
0
20
40
60
80
100
VIN = 36V
VIN = 12V
VIN = 24V
LM2841, LM2842
www.ti.com
SNVS540H – MARCH 2009 – REVISED APRIL 2013
Typical Performance Characteristics
Efficiency vs. Load Current (LM2842X, VOUT = 3.3V)
Efficiency vs. Load Current (LM2841X, VOUT = 3.3V)
Figure 2.
Figure 3.
Efficiency vs. Load Current (LM2840X, VOUT = 8V)
Switching Frequency vs. Temperature (X version)
Figure 4.
Figure 5.
Switch Current Limit vs. SHDN Pin Voltage
Input UVLO Voltage vs. Temperature
(Soft-start Implementation, LM2840/41)
Figure 6.
Figure 7.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2841 LM2842



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com