Electronic Components Datasheet Search
  English  ▼

X  

R2H Datasheet(PDF) 46 Page - Murata Manufacturing Co., Ltd.

Part # R2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

R2H Datasheet(HTML) 46 Page - Murata Manufacturing Co., Ltd.

Back Button R2H Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 237 page
background image
Part number # indicates the package specification code.
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 16Vdc
CH
8.9pF
±0.25pF GRM0222C1C8R9CD05#
±0.5pF
GRM0222C1C8R9DD05#
9.0pF
±0.05pF GRM0222C1C9R0WD05#
±0.1pF
GRM0222C1C9R0BD05#
±0.25pF GRM0222C1C9R0CD05#
±0.5pF
GRM0222C1C9R0DD05#
9.1pF
±0.05pF GRM0222C1C9R1WD05#
±0.1pF
GRM0222C1C9R1BD05#
±0.25pF GRM0222C1C9R1CD05#
±0.5pF
GRM0222C1C9R1DD05#
9.2pF
±0.05pF GRM0222C1C9R2WD05#
±0.1pF
GRM0222C1C9R2BD05#
±0.25pF GRM0222C1C9R2CD05#
±0.5pF
GRM0222C1C9R2DD05#
9.3pF
±0.05pF GRM0222C1C9R3WD05#
±0.1pF
GRM0222C1C9R3BD05#
±0.25pF GRM0222C1C9R3CD05#
±0.5pF
GRM0222C1C9R3DD05#
9.4pF
±0.05pF GRM0222C1C9R4WD05#
±0.1pF
GRM0222C1C9R4BD05#
±0.25pF GRM0222C1C9R4CD05#
±0.5pF
GRM0222C1C9R4DD05#
9.5pF
±0.05pF GRM0222C1C9R5WD05#
±0.1pF
GRM0222C1C9R5BD05#
±0.25pF GRM0222C1C9R5CD05#
±0.5pF
GRM0222C1C9R5DD05#
9.6pF
±0.05pF GRM0222C1C9R6WD05#
±0.1pF
GRM0222C1C9R6BD05#
±0.25pF GRM0222C1C9R6CD05#
±0.5pF
GRM0222C1C9R6DD05#
9.7pF
±0.05pF GRM0222C1C9R7WD05#
±0.1pF
GRM0222C1C9R7BD05#
±0.25pF GRM0222C1C9R7CD05#
±0.5pF
GRM0222C1C9R7DD05#
9.8pF
±0.05pF GRM0222C1C9R8WD05#
±0.1pF
GRM0222C1C9R8BD05#
±0.25pF GRM0222C1C9R8CD05#
±0.5pF
GRM0222C1C9R8DD05#
9.9pF
±0.05pF GRM0222C1C9R9WD05#
±0.1pF
GRM0222C1C9R9BD05#
±0.25pF GRM0222C1C9R9CD05#
±0.5pF
GRM0222C1C9R9DD05#
10pF
±2%
GRM0222C1C100GD05#
±5%
GRM0222C1C100JD05#
12pF
±2%
GRM0222C1C120GD05#
±5%
GRM0222C1C120JD05#
15pF
±2%
GRM0222C1C150GD05#
±5%
GRM0222C1C150JD05#
18pF
±2%
GRM0222C1C180GD05#
±5%
GRM0222C1C180JD05#
22pF
±2%
GRM0222C1C220GD05#
±5%
GRM0222C1C220JD05#
27pF
±2%
GRM0222C1C270GD05#
±5%
GRM0222C1C270JD05#
GRM Series Temperature Compensating Type Part Number List
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 16Vdc
CH
33pF
±2%
GRM0222C1C330GD05#
±5%
GRM0222C1C330JD05#
39pF
±2%
GRM0222C1C390GD05#
±5%
GRM0222C1C390JD05#
47pF
±2%
GRM0222C1C470GD05#
±5%
GRM0222C1C470JD05#
10Vdc
C0G
56pF
±2%
GRM0225C1A560GD05#
±5%
GRM0225C1A560JD05#
68pF
±2%
GRM0225C1A680GD05#
±5%
GRM0225C1A680JD05#
82pF
±2%
GRM0225C1A820GD05#
±5%
GRM0225C1A820JD05#
100pF
±2%
GRM0225C1A101GD05#
±5%
GRM0225C1A101JD05#
CH
56pF
±2%
GRM0222C1A560GD05#
±5%
GRM0222C1A560JD05#
68pF
±2%
GRM0222C1A680GD05#
±5%
GRM0222C1A680JD05#
82pF
±2%
GRM0222C1A820GD05#
±5%
GRM0222C1A820JD05#
100pF
±2%
GRM0222C1A101GD05#
±5%
GRM0222C1A101JD05#
c 0.6×0.3mm Ultra-
compact
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.33mm 50Vdc
C0G
0.1pF
±0.05pF GRM0335C1HR10WA01#
±0.1pF
GRM0335C1HR10BA01#
0.2pF
±0.05pF GRM0335C1HR20WA01#
±0.1pF
GRM0335C1HR20BA01#
0.3pF
±0.05pF GRM0335C1HR30WA01#
±0.1pF
GRM0335C1HR30BA01#
0.4pF
±0.05pF GRM0335C1HR40WA01#
±0.1pF
GRM0335C1HR40BA01#
0.5pF
±0.05pF GRM0335C1HR50WA01#
±0.1pF
GRM0335C1HR50BA01#
0.6pF
±0.05pF GRM0335C1HR60WA01#
±0.1pF
GRM0335C1HR60BA01#
0.7pF
±0.05pF GRM0335C1HR70WA01#
±0.1pF
GRM0335C1HR70BA01#
0.8pF
±0.05pF GRM0335C1HR80WA01#
±0.1pF
GRM0335C1HR80BA01#
0.9pF
±0.05pF GRM0335C1HR90WA01#
±0.1pF
GRM0335C1HR90BA01#
1.0pF
±0.05pF GRM0335C1H1R0WA01#
±0.1pF
GRM0335C1H1R0BA01#
±0.25pF GRM0335C1H1R0CA01#
1.1pF
±0.05pF GRM0335C1H1R1WA01#
±0.1pF
GRM0335C1H1R1BA01#
±0.25pF GRM0335C1H1R1CA01#
1.2pF
±0.05pF GRM0335C1H1R2WA01#
±0.1pF
GRM0335C1H1R2BA01#
±0.25pF GRM0335C1H1R2CA01#
(
→ c 0.4×0.2mm)
C02E.pdf
Oct.1,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com