Electronic Components Datasheet Search
  English  ▼

X  

R2H Datasheet(PDF) 73 Page - Murata Manufacturing Co., Ltd.

Part # R2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

R2H Datasheet(HTML) 73 Page - Murata Manufacturing Co., Ltd.

Back Button R2H Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 237 page
background image
Part number # indicates the package specification code.
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.9mm 100Vdc
CH
1500pF
±5%
GRM1882C2A152JA01#
50Vdc
C0G
0.5pF
±0.05pF GRM1885C1HR50WA01#
±0.1pF
GRM1885C1HR50BA01#
0.6pF
±0.05pF GRM1885C1HR60WA01#
±0.1pF
GRM1885C1HR60BA01#
0.7pF
±0.05pF GRM1885C1HR70WA01#
±0.1pF
GRM1885C1HR70BA01#
0.8pF
±0.05pF GRM1885C1HR80WA01#
±0.1pF
GRM1885C1HR80BA01#
0.9pF
±0.05pF GRM1885C1HR90WA01#
±0.1pF
GRM1885C1HR90BA01#
1.0pF
±0.05pF GRM1885C1H1R0WA01#
±0.1pF
GRM1885C1H1R0BA01#
±0.25pF GRM1885C1H1R0CA01#
1.1pF
±0.05pF GRM1885C1H1R1WA01#
±0.1pF
GRM1885C1H1R1BA01#
±0.25pF GRM1885C1H1R1CA01#
1.2pF
±0.05pF GRM1885C1H1R2WA01#
±0.1pF
GRM1885C1H1R2BA01#
±0.25pF GRM1885C1H1R2CA01#
1.3pF
±0.05pF GRM1885C1H1R3WA01#
±0.1pF
GRM1885C1H1R3BA01#
±0.25pF GRM1885C1H1R3CA01#
1.4pF
±0.05pF GRM1885C1H1R4WA01#
±0.1pF
GRM1885C1H1R4BA01#
±0.25pF GRM1885C1H1R4CA01#
1.5pF
±0.05pF GRM1885C1H1R5WA01#
±0.1pF
GRM1885C1H1R5BA01#
±0.25pF GRM1885C1H1R5CA01#
1.6pF
±0.05pF GRM1885C1H1R6WA01#
±0.1pF
GRM1885C1H1R6BA01#
±0.25pF GRM1885C1H1R6CA01#
1.7pF
±0.05pF GRM1885C1H1R7WA01#
±0.1pF
GRM1885C1H1R7BA01#
±0.25pF GRM1885C1H1R7CA01#
1.8pF
±0.05pF GRM1885C1H1R8WA01#
±0.1pF
GRM1885C1H1R8BA01#
±0.25pF GRM1885C1H1R8CA01#
1.9pF
±0.05pF GRM1885C1H1R9WA01#
±0.1pF
GRM1885C1H1R9BA01#
±0.25pF GRM1885C1H1R9CA01#
2.0pF
±0.05pF GRM1885C1H2R0WA01#
±0.1pF
GRM1885C1H2R0BA01#
±0.25pF GRM1885C1H2R0CA01#
2.1pF
±0.05pF GRM1885C1H2R1WA01#
±0.1pF
GRM1885C1H2R1BA01#
±0.25pF GRM1885C1H2R1CA01#
2.2pF
±0.05pF GRM1885C1H2R2WA01#
±0.1pF
GRM1885C1H2R2BA01#
±0.25pF GRM1885C1H2R2CA01#
2.3pF
±0.05pF GRM1885C1H2R3WA01#
±0.1pF
GRM1885C1H2R3BA01#
±0.25pF GRM1885C1H2R3CA01#
2.4pF
±0.05pF GRM1885C1H2R4WA01#
GRM Series Temperature Compensating Type Part Number List
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.9mm
50Vdc
C0G
2.4pF
±0.1pF
GRM1885C1H2R4BA01#
±0.25pF GRM1885C1H2R4CA01#
2.5pF
±0.05pF GRM1885C1H2R5WA01#
±0.1pF
GRM1885C1H2R5BA01#
±0.25pF GRM1885C1H2R5CA01#
2.6pF
±0.05pF GRM1885C1H2R6WA01#
±0.1pF
GRM1885C1H2R6BA01#
±0.25pF GRM1885C1H2R6CA01#
2.7pF
±0.05pF GRM1885C1H2R7WA01#
±0.1pF
GRM1885C1H2R7BA01#
±0.25pF GRM1885C1H2R7CA01#
2.8pF
±0.05pF GRM1885C1H2R8WA01#
±0.1pF
GRM1885C1H2R8BA01#
±0.25pF GRM1885C1H2R8CA01#
2.9pF
±0.05pF GRM1885C1H2R9WA01#
±0.1pF
GRM1885C1H2R9BA01#
±0.25pF GRM1885C1H2R9CA01#
3.0pF
±0.05pF GRM1885C1H3R0WA01#
±0.1pF
GRM1885C1H3R0BA01#
±0.25pF GRM1885C1H3R0CA01#
3.1pF
±0.05pF GRM1885C1H3R1WA01#
±0.1pF
GRM1885C1H3R1BA01#
±0.25pF GRM1885C1H3R1CA01#
3.2pF
±0.05pF GRM1885C1H3R2WA01#
±0.1pF
GRM1885C1H3R2BA01#
±0.25pF GRM1885C1H3R2CA01#
3.3pF
±0.05pF GRM1885C1H3R3WA01#
±0.1pF
GRM1885C1H3R3BA01#
±0.25pF GRM1885C1H3R3CA01#
3.4pF
±0.05pF GRM1885C1H3R4WA01#
±0.1pF
GRM1885C1H3R4BA01#
±0.25pF GRM1885C1H3R4CA01#
3.5pF
±0.05pF GRM1885C1H3R5WA01#
±0.1pF
GRM1885C1H3R5BA01#
±0.25pF GRM1885C1H3R5CA01#
3.6pF
±0.05pF GRM1885C1H3R6WA01#
±0.1pF
GRM1885C1H3R6BA01#
±0.25pF GRM1885C1H3R6CA01#
3.7pF
±0.05pF GRM1885C1H3R7WA01#
±0.1pF
GRM1885C1H3R7BA01#
±0.25pF GRM1885C1H3R7CA01#
3.8pF
±0.05pF GRM1885C1H3R8WA01#
±0.1pF
GRM1885C1H3R8BA01#
±0.25pF GRM1885C1H3R8CA01#
3.9pF
±0.05pF GRM1885C1H3R9WA01#
±0.1pF
GRM1885C1H3R9BA01#
±0.25pF GRM1885C1H3R9CA01#
4.0pF
±0.05pF GRM1885C1H4R0WA01#
±0.1pF
GRM1885C1H4R0BA01#
±0.25pF GRM1885C1H4R0CA01#
4.1pF
±0.05pF GRM1885C1H4R1WA01#
±0.1pF
GRM1885C1H4R1BA01#
±0.25pF GRM1885C1H4R1CA01#
4.2pF
±0.05pF GRM1885C1H4R2WA01#
(
→ c 1.6×0.8mm)
C02E.pdf
Oct.1,2012
55
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com