Electronic Components Datasheet Search
  English  ▼

X  

R2H Datasheet(PDF) 82 Page - Murata Manufacturing Co., Ltd.

Part # R2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

R2H Datasheet(HTML) 82 Page - Murata Manufacturing Co., Ltd.

Back Button R2H Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 237 page
background image
Part number # indicates the package specification code.
GRM Series High Dielectric Constant Type Part Number List
c 0.4×0.2mm Ultra-
compact
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 10Vdc
X7R
68pF
±10%
GRM022R71A680KA01#
±20%
GRM022R71A680MA01#
100pF
±10%
GRM022R71A101KA01#
±20%
GRM022R71A101MA01#
150pF
±10%
GRM022R71A151KA01#
±20%
GRM022R71A151MA01#
220pF
±10%
GRM022R71A221KA01#
±20%
GRM022R71A221MA01#
330pF
±10%
GRM022R71A331KA01#
±20%
GRM022R71A331MA01#
470pF
±10%
GRM022R71A471KA01#
±20%
GRM022R71A471MA01#
X5R
68pF
±10%
GRM022R61A680KA01#
±20%
GRM022R61A680MA01#
100pF
±10%
GRM022R61A101KA01#
±20%
GRM022R61A101MA01#
150pF
±10%
GRM022R61A151KA01#
±20%
GRM022R61A151MA01#
220pF
±10%
GRM022R61A221KA01#
±20%
GRM022R61A221MA01#
330pF
±10%
GRM022R61A331KA01#
±20%
GRM022R61A331MA01#
470pF
±10%
GRM022R61A471KA01#
±20%
GRM022R61A471MA01#
680pF
±10%
GRM022R61A681KE19#
±20%
GRM022R61A681ME19#
1000pF
±10%
GRM022R61A102KE19#
±20%
GRM022R61A102ME19#
1500pF
±10%
GRM022R61A152KE19#
±20%
GRM022R61A152ME19#
2200pF
±10%
GRM022R61A222KE19#
±20%
GRM022R61A222ME19#
3300pF
±10%
GRM022R61A332KE19#
±20%
GRM022R61A332ME19#
4700pF
±10%
GRM022R61A472KE19#
±20%
GRM022R61A472ME19#
6800pF
±10%
GRM022R61A682KE19#
±20%
GRM022R61A682ME19#
10000pF
±10%
GRM022R61A103KE19#
±20%
GRM022R61A103ME19#
B
68pF
±10%
GRM022B11A680KA01#
±20%
GRM022B11A680MA01#
100pF
±10%
GRM022B11A101KA01#
±20%
GRM022B11A101MA01#
150pF
±10%
GRM022B11A151KA01#
±20%
GRM022B11A151MA01#
220pF
±10%
GRM022B11A221KA01#
±20%
GRM022B11A221MA01#
330pF
±10%
GRM022B11A331KA01#
±20%
GRM022B11A331MA01#
470pF
±10%
GRM022B11A471KA01#
±20%
GRM022B11A471MA01#
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 10Vdc
B
680pF
±10%
GRM022B31A681KE19#
±20%
GRM022B31A681ME19#
1000pF
±10%
GRM022B31A102KE19#
±20%
GRM022B31A102ME19#
1500pF
±10%
GRM022B31A152KE19#
±20%
GRM022B31A152ME19#
2200pF
±10%
GRM022B31A222KE19#
±20%
GRM022B31A222ME19#
3300pF
±10%
GRM022B31A332KE19#
±20%
GRM022B31A332ME19#
4700pF
±10%
GRM022B31A472KE19#
±20%
GRM022B31A472ME19#
6800pF
±10%
GRM022B31A682KE19#
±20%
GRM022B31A682ME19#
10000pF
±10%
GRM022B31A103KE19#
±20%
GRM022B31A103ME19#
6.3Vdc
X5R
680pF
±20%
GRM022R60J681ME19#
1000pF
±20%
GRM022R60J102ME19#
1500pF
±20%
GRM022R60J152ME19#
2200pF
±20%
GRM022R60J222ME19#
3300pF
±20%
GRM022R60J332ME19#
4700pF
±20%
GRM022R60J472ME19#
6800pF
±20%
GRM022R60J682ME19#
10000pF
±20%
GRM022R60J103ME19#
15000pF
±20%
GRM022R60J153ME15#
Derating
22000pF
±10%
GRM022R60J223KE15#
Derating
±20%
GRM022R60J223ME15#
Derating
33000pF
±20%
GRM022R60J333ME15#
Derating
47000pF
±20%
GRM022R60J473ME15#
Derating
68000pF
±20%
GRM022R60J683ME15#
Derating
0.1µF
±20%
GRM022R60J104ME15#
Derating
B
680pF
±20%
GRM022B30J681ME19#
1000pF
±20%
GRM022B30J102ME19#
1500pF
±20%
GRM022B30J152ME19#
2200pF
±20%
GRM022B30J222ME19#
3300pF
±20%
GRM022B30J332ME19#
4700pF
±20%
GRM022B30J472ME19#
6800pF
±20%
GRM022B30J682ME19#
10000pF
±20%
GRM022B30J103ME19#
4Vdc
X5R 15000pF
±10%
GRM022R60G153KE15#
±20%
GRM022R60G153ME15#
22000pF
±10%
GRM022R60G223KE15#
±20%
GRM022R60G223ME15#
33000pF
±10%
GRM022R60G333KE15#
±20%
GRM022R60G333ME15#
47000pF
±10%
GRM022R60G473KE15#
±20%
GRM022R60G473ME15#
68000pF
±20%
GRM022R60G683ME15#
0.1µF
±20%
GRM022R60G104ME15#
C02E.pdf
Oct.1,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com