Electronic Components Datasheet Search
  English  ▼

X  

R2H Datasheet(PDF) 29 Page - Murata Manufacturing Co., Ltd.

Part # R2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

R2H Datasheet(HTML) 29 Page - Murata Manufacturing Co., Ltd.

Back Button R2H Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 237 page
background image
L×W (mm)
T max. (mm)
Rated Voltage (Vdc)
Cap. / TC Code
470pF
680pF
1000pF
1500pF
2200pF
3300pF
4700pF
6800pF
10000pF
15000pF
22000pF
33000pF
47000pF
68000pF
0.1μF
0.15μF
0.22μF
0.33μF
0.47μF
0.68μF
1.0μF
X7R
250
1
2.0×1.25
X7R
250
1.45
X7R
1000
1.25
3.2×1.6
X7R
630
X7R
250
X7R
1000
1.8
X7R
630
X7R
250
X7R
1000
1.5
3.2×2.5
X7R
630
X7R
250
X7R
1000
2
X7R
630
X7R
250
X7R
630
1.5
4.5×3.2
5.7×5.0
X7R
250
X7R
1000
X7R
630
X7R
250
X7R
1000
X7R
X7R
630
22
250
p148
p148
p148
p148
p148
p148
p148
p148
p148
p149
p149
p149
p149
p149
p149
p149
p149
p149
p149
p149
p149
p149
p149
p148
p148
p148
p149
p149
p149
p149
p148
p148
p148
p149
p149
p149
p148
p148
p149
p149
p149
p149
p148
p148
p149
p148
p149
p149
p149
p148
p148
p148
p149
p149
p149
p149
p148
p148
p148
p148
X7R
Capacitance Table
L×W (mm)
T max. (mm)
Rated Voltage (Vdc)
Cap. / TC Code
10000pF
15000pF
22000pF
33000pF
47000pF
68000pF
0.1μF
0.15μF
0.22μF
0.27μF
0.33μF
0.47μF
0.56μF
0.68μF
1.0μF
X7T
250
1
1.45
1
1.25
1.8
1.5
2
1.5
2
2
2.0×1.25
3.2×1.6
3.2×2.5
4.5×3.2
5.7×5.0
X7T
630
X7T
250
X7T
450
X7T
450
X7T
250
X7T
250
X7T
630
X7T
450
X7T
250
X7T
630
X7T
450
X7T
250
X7T
630
X7T
250
X7T
630
X7T
450
X7T
250
X7T
250
X7T
630
X7T
450
X7T
250
X7T
630
X7T
450
X7T
250
2.7
p153
p153
p153
p154
p154
p153
p153
p153
p153
p153
p154
p153
p153
p153
p154
p153
p153
p154
p153
p154
p154
p153
p153
p153
p153
p154
p153
p153
p154
p154
p153
p153
p153 p153
p153
X7T
c GRJ Series High Dielectric Constant Type
c GR3 Series High Dielectric Constant Type
p00
← Part Number List
EIA:
p00
← Part Number List
EIA:
C02E.pdf
Oct.1,2012
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com