Electronic Components Datasheet Search
  English  ▼

X  

R2H Datasheet(PDF) 45 Page - Murata Manufacturing Co., Ltd.

Part # R2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

R2H Datasheet(HTML) 45 Page - Murata Manufacturing Co., Ltd.

Back Button R2H Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. R2H Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 237 page
background image
Part number # indicates the package specification code.
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 16Vdc
CH
6.2pF
±0.25pF GRM0222C1C6R2CD05#
±0.5pF
GRM0222C1C6R2DD05#
6.3pF
±0.05pF GRM0222C1C6R3WD05#
±0.1pF
GRM0222C1C6R3BD05#
±0.25pF GRM0222C1C6R3CD05#
±0.5pF
GRM0222C1C6R3DD05#
6.4pF
±0.05pF GRM0222C1C6R4WD05#
±0.1pF
GRM0222C1C6R4BD05#
±0.25pF GRM0222C1C6R4CD05#
±0.5pF
GRM0222C1C6R4DD05#
6.5pF
±0.05pF GRM0222C1C6R5WD05#
±0.1pF
GRM0222C1C6R5BD05#
±0.25pF GRM0222C1C6R5CD05#
±0.5pF
GRM0222C1C6R5DD05#
6.6pF
±0.05pF GRM0222C1C6R6WD05#
±0.1pF
GRM0222C1C6R6BD05#
±0.25pF GRM0222C1C6R6CD05#
±0.5pF
GRM0222C1C6R6DD05#
6.7pF
±0.05pF GRM0222C1C6R7WD05#
±0.1pF
GRM0222C1C6R7BD05#
±0.25pF GRM0222C1C6R7CD05#
±0.5pF
GRM0222C1C6R7DD05#
6.8pF
±0.05pF GRM0222C1C6R8WD05#
±0.1pF
GRM0222C1C6R8BD05#
±0.25pF GRM0222C1C6R8CD05#
±0.5pF
GRM0222C1C6R8DD05#
6.9pF
±0.05pF GRM0222C1C6R9WD05#
±0.1pF
GRM0222C1C6R9BD05#
±0.25pF GRM0222C1C6R9CD05#
±0.5pF
GRM0222C1C6R9DD05#
7.0pF
±0.05pF GRM0222C1C7R0WD05#
±0.1pF
GRM0222C1C7R0BD05#
±0.25pF GRM0222C1C7R0CD05#
±0.5pF
GRM0222C1C7R0DD05#
7.1pF
±0.05pF GRM0222C1C7R1WD05#
±0.1pF
GRM0222C1C7R1BD05#
±0.25pF GRM0222C1C7R1CD05#
±0.5pF
GRM0222C1C7R1DD05#
7.2pF
±0.05pF GRM0222C1C7R2WD05#
±0.1pF
GRM0222C1C7R2BD05#
±0.25pF GRM0222C1C7R2CD05#
±0.5pF
GRM0222C1C7R2DD05#
7.3pF
±0.05pF GRM0222C1C7R3WD05#
±0.1pF
GRM0222C1C7R3BD05#
±0.25pF GRM0222C1C7R3CD05#
±0.5pF
GRM0222C1C7R3DD05#
7.4pF
±0.05pF GRM0222C1C7R4WD05#
±0.1pF
GRM0222C1C7R4BD05#
±0.25pF GRM0222C1C7R4CD05#
±0.5pF
GRM0222C1C7R4DD05#
7.5pF
±0.05pF GRM0222C1C7R5WD05#
±0.1pF
GRM0222C1C7R5BD05#
±0.25pF GRM0222C1C7R5CD05#
±0.5pF
GRM0222C1C7R5DD05#
GRM Series Temperature Compensating Type Part Number List
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 16Vdc
CH
7.6pF
±0.05pF GRM0222C1C7R6WD05#
±0.1pF
GRM0222C1C7R6BD05#
±0.25pF GRM0222C1C7R6CD05#
±0.5pF
GRM0222C1C7R6DD05#
7.7pF
±0.05pF GRM0222C1C7R7WD05#
±0.1pF
GRM0222C1C7R7BD05#
±0.25pF GRM0222C1C7R7CD05#
±0.5pF
GRM0222C1C7R7DD05#
7.8pF
±0.05pF GRM0222C1C7R8WD05#
±0.1pF
GRM0222C1C7R8BD05#
±0.25pF GRM0222C1C7R8CD05#
±0.5pF
GRM0222C1C7R8DD05#
7.9pF
±0.05pF GRM0222C1C7R9WD05#
±0.1pF
GRM0222C1C7R9BD05#
±0.25pF GRM0222C1C7R9CD05#
±0.5pF
GRM0222C1C7R9DD05#
8.0pF
±0.05pF GRM0222C1C8R0WD05#
±0.1pF
GRM0222C1C8R0BD05#
±0.25pF GRM0222C1C8R0CD05#
±0.5pF
GRM0222C1C8R0DD05#
8.1pF
±0.05pF GRM0222C1C8R1WD05#
±0.1pF
GRM0222C1C8R1BD05#
±0.25pF GRM0222C1C8R1CD05#
±0.5pF
GRM0222C1C8R1DD05#
8.2pF
±0.05pF GRM0222C1C8R2WD05#
±0.1pF
GRM0222C1C8R2BD05#
±0.25pF GRM0222C1C8R2CD05#
±0.5pF
GRM0222C1C8R2DD05#
8.3pF
±0.05pF GRM0222C1C8R3WD05#
±0.1pF
GRM0222C1C8R3BD05#
±0.25pF GRM0222C1C8R3CD05#
±0.5pF
GRM0222C1C8R3DD05#
8.4pF
±0.05pF GRM0222C1C8R4WD05#
±0.1pF
GRM0222C1C8R4BD05#
±0.25pF GRM0222C1C8R4CD05#
±0.5pF
GRM0222C1C8R4DD05#
8.5pF
±0.05pF GRM0222C1C8R5WD05#
±0.1pF
GRM0222C1C8R5BD05#
±0.25pF GRM0222C1C8R5CD05#
±0.5pF
GRM0222C1C8R5DD05#
8.6pF
±0.05pF GRM0222C1C8R6WD05#
±0.1pF
GRM0222C1C8R6BD05#
±0.25pF GRM0222C1C8R6CD05#
±0.5pF
GRM0222C1C8R6DD05#
8.7pF
±0.05pF GRM0222C1C8R7WD05#
±0.1pF
GRM0222C1C8R7BD05#
±0.25pF GRM0222C1C8R7CD05#
±0.5pF
GRM0222C1C8R7DD05#
8.8pF
±0.05pF GRM0222C1C8R8WD05#
±0.1pF
GRM0222C1C8R8BD05#
±0.25pF GRM0222C1C8R8CD05#
±0.5pF
GRM0222C1C8R8DD05#
8.9pF
±0.05pF GRM0222C1C8R9WD05#
±0.1pF
GRM0222C1C8R9BD05#
(
→ c 0.4×0.2mm)
C02E.pdf
Oct.1,2012
27
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com