Electronic Components Datasheet Search
  English  ▼

X  

MIC2007YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2007YML
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2007YML Datasheet HTML 5Page - Micrel Semiconductor MIC2007YML Datasheet HTML 6Page - Micrel Semiconductor MIC2007YML Datasheet HTML 7Page - Micrel Semiconductor MIC2007YML Datasheet HTML 8Page - Micrel Semiconductor MIC2007YML Datasheet HTML 9Page - Micrel Semiconductor MIC2007YML Datasheet HTML 10Page - Micrel Semiconductor MIC2007YML Datasheet HTML 11Page - Micrel Semiconductor MIC2007YML Datasheet HTML 12Page - Micrel Semiconductor MIC2007YML Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Micrel, Inc.
MIC20xx Family
August 2011
9
M9999-080211-D
Descriptions
These pin and signal descriptions aid in the
differentiation of a pin from electrical signals and
components connected to that pin. For example, VOUT
is the switch’s output pin, while VOUT is the electrical
signal output voltage present at the VOUT pin.
Pin Descriptions
Pin Name
Type
Description
VIN
Input
Supply input. This pin provides power to both the output switch and the switch’s internal control circuitry.
GND
─
Ground.
EN
Input
Switch Enable (Input):
FAULT/
Output
Fault status. A logic LOW on this pin indicates the switch is in current limiting, or has been shut down by
the thermal protection circuit. This is an open-drain output allowing logical OR’ing of multiple switches.
CSLEW
Input
Slew rate control. Adding a small value capacitor between this pin and VIN slows turn-ON of the power
FET.
VOUT
Output
Switch output. The load being driven by the switch is connected to this pin.
VUVLO
Input
Variable Under Voltage Lockout (VUVLO): Monitors the input voltage through a resistor divider between
VIN and GND. Shuts the switch off if voltage falls below the threshold set by the resistor divider.
Previously called VUVLO.
ILIMIT
Input
Set current limit threshold via a resistor connected from ILIMIT to GND.
EP
Thermal
On MLF packages connect EP to GND.
Signal Descriptions
Signal Name
Type
Description
VIN
Input
Electrical signal input voltage present at the VIN pin.
GND
─
Ground.
VEN
Input
Electrical signal input voltage present at the ENABLE pin.
VFAULT/
Output
Electrical signal output voltage present at the FAULT/ pin.
CSLEW
Component
Capacitance value connected to the CSLEW pin.
VOUT
Output
Electrical signal output voltage present at the VOUT pin.
VVUVLO_TH
Internal
VUVLO internal reference threshold voltage. This voltage is compared to the VUVLO pin input
voltage to determine if the switch should be disabled. Reference threshold voltage has a typical
value of 250mV.
CLOAD
Component
Capacitance value connected in parallel with the load. Load capacitance.
IOUT
Output
Electrical signal output current present at the VOUT pin.
ILIMIT
Internal
Switch’s current limit. Fixed at factory or user adjustable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com