Electronic Components Datasheet Search
  English  ▼

X  

MIC2007YML Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC2007YML
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007YML Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC2007YML Datasheet HTML 12Page - Micrel Semiconductor MIC2007YML Datasheet HTML 13Page - Micrel Semiconductor MIC2007YML Datasheet HTML 14Page - Micrel Semiconductor MIC2007YML Datasheet HTML 15Page - Micrel Semiconductor MIC2007YML Datasheet HTML 16Page - Micrel Semiconductor MIC2007YML Datasheet HTML 17Page - Micrel Semiconductor MIC2007YML Datasheet HTML 18Page - Micrel Semiconductor MIC2007YML Datasheet HTML 19Page - Micrel Semiconductor MIC2007YML Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Micrel, Inc.
MIC20xx Family
August 2011
16
M9999-080211-D
Typical Characteristics (Continued)
0
10
20
30
40
50
60
70
80
90
100
2.533.544.555.5
VIN (V)
Supply Current Output Enabled
(MIC20XXA)
-40°C
25°C
85°C
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
2.533.544.555.5
VIN (V)
Supply Current Output
Disabled (MIC20XXA)
-40°C 25°C
85°C
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
-40
-15
10
35
60
85
TEMPERATURE (°C)
Switch Leakage Current
(MIC20XXA)
5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
I
LIMIT
vs. Temperature
(MIC20X5A)
5V
0
100
200
300
400
500
600
700
800
900
1000
-40
-15
10
35
60
85
TEMPERATURE (°C)
I
LIMIT
vs. Temperature
(MIC20X9A (0.8A))
R
SET
= 267Ohms
0
500
1000
1500
2000
2500
00.2
0.4
0.6
0.81
ILIMIT (A)
R
SET
vs. I
LIMIT
(MIC20X9A)
R
SET
=
212.23
I
LIMIT
0.9587
0
50
100
150
200
250
2.533.544.555.5
VIN (V)
R
DS(ON)
vs. V
IN
(MIC20XXA)
-40°C
25°C
85°C
0
50
100
150
200
250
-40
-15
10
35
60
85
TEMPERATURE (°C)
R
DS(ON)
vs. Temperature
(MIC20XXA)
5.0V
2.5V
3.3V
0
5
10
15
20
25
30
35
40
-40
-15
10
35
60
85
TEMPERATURE (°C)
Flag Delay
vs. Temperature
2.5V
3.3V
5.0V
0
20
40
60
80
100
120
140
160
0
0.1 0.2 0.3 0.4 0.5 0.6
IOUT (A)
V
DROP
vs. Temperature
(MIC20XXA)
-40°C
25°C
85°C
V
IN
= 5.0V
0
20
40
60
80
100
120
140
160
0
0.1 0.2 0.3 0.4 0.5 0.6
IOUT (A)
V
DROP
vs. Temperature
(MIC20XXA)
-40°C
25°C
85°C
V
IN
= 3.3V
2.05
2.1
2.15
2.2
2.25
2.3
-50
0
50
100
150
TEMPERATURE (°C)
UVLO Threshold
vs. Temperature
V RISING
V FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com