Electronic Components Datasheet Search
  English  ▼

X  

MIC2007YML Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # MIC2007YML
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007YML Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button MIC2007YML Datasheet HTML 22Page - Micrel Semiconductor MIC2007YML Datasheet HTML 23Page - Micrel Semiconductor MIC2007YML Datasheet HTML 24Page - Micrel Semiconductor MIC2007YML Datasheet HTML 25Page - Micrel Semiconductor MIC2007YML Datasheet HTML 26Page - Micrel Semiconductor MIC2007YML Datasheet HTML 27Page - Micrel Semiconductor MIC2007YML Datasheet HTML 28Page - Micrel Semiconductor MIC2007YML Datasheet HTML 29Page - Micrel Semiconductor MIC2007YML Datasheet HTML 30Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Micrel, Inc.
MIC20xx Family
August 2011
28
M9999-080211-D
In Figure 12, die temperature is plotted against IOUT
assuming a constant case temperature of 85°C. The
plots also assume a worst case RON of 140mΩ at a die
temperature of 135°C. Under these conditions it is clear
that an SOT-23 packaged device will be on the verge of
thermal shutdown, typically 140°C die temperature,
when operating at a load current of 1.25A. For this
reason we recommend using MLF
® packaged switches
for any design intending to supply continuous currents
of 1A or more.
Power Dissipation
Power dissipation depends on several factors such as
the load, PCB layout, ambient temperature, and supply
voltage. Calculation of power dissipation can be
accomplished by the following equation:
2
)
I
(
R
P
OUT
)
ON
(
DS
D
×
=
To relate this to junction temperature, the following
equation can be used:
0
20
40
60
80
100
120
140
160
0.2
OUTPUT CURRENT (A)
Die Temperature vs.
Output Current (T CASE=85°C)
SOT-23
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
MLF
A
)
A
J
(
D
J
T
R
P
T
+
×
=
−
θ
where:
TJ = junction temperature
TA = ambient temperature
Rθ(J-A) is the thermal resistance of the package
In normal operation the switch’s RON is low enough that
no significant I
2R heating occurs. Device heating is
most often caused by a short circuit, or very-heavy
load, when a significant portion of the input supply
voltage appears across the switch’s power MOSFET.
Under these conditions the heat generated will exceed
the package and PCB’s ability to cool the device and
thermal limiting will be invoked.
Figure 12. Die Temperature vs. IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com