Electronic Components Datasheet Search
  English  ▼

X  

MIC2007YML Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MIC2007YML
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007YML Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MIC2007YML Datasheet HTML 22Page - Micrel Semiconductor MIC2007YML Datasheet HTML 23Page - Micrel Semiconductor MIC2007YML Datasheet HTML 24Page - Micrel Semiconductor MIC2007YML Datasheet HTML 25Page - Micrel Semiconductor MIC2007YML Datasheet HTML 26Page - Micrel Semiconductor MIC2007YML Datasheet HTML 27Page - Micrel Semiconductor MIC2007YML Datasheet HTML 28Page - Micrel Semiconductor MIC2007YML Datasheet HTML 29Page - Micrel Semiconductor MIC2007YML Datasheet HTML 30Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Micrel, Inc.
MIC20xx Family
August 2011
27
M9999-080211-D
The VUVLO comparator uses no hysteresis. This is
because the VUVLO blanking timer prevents any
chattering that might otherwise occur if VIN varies about
the trigger point. The timer is reset by upward crossings
of the trip point such that VIN must remain below the trip
point for the full 32ms period for load disengagement to
occur.
In selecting a VTRIP voltage, the designer is cautioned to
not make this value less than 2.5V. A minimum of 2.5V
is required for the MIC20X6’s internal circuitry to
operate properly. VUVLO trip points below 2.5V will
result in erratic or unpredictable operation.
Kickstart™
2003
2004
2005X
2006
2007
2008
2009X
2013
2014
2015
2016
2017
2018
2019X
Only parts in bold have Kickstart™.
(Not available in 5-pin SOT-23 packages).
Kickstart™ allows brief current surges to pass to the
load before the onset of normal current limiting, which
permits dynamic loads to draw bursts of energy without
sacrificing system safety.
Functionally, Kickstart™ is a forced override of the
normal current limiting function provided by the switch.
The Kickstart™ period is governed by an internal timer
which allows current to pass up to the secondary
current limit (ILIMIT_2nd) to the load for 128ms and then
normal (primary) current limiting goes into action.
During Kickstart™, a secondary current-limiting circuit
is monitoring output current to prevent damage to the
switch, as a hard short combined with a robust power
supply can result in currents of many tens of amperes.
This secondary current limit is nominally set at 4A and
reacts immediately and independently of the Kickstart™
period. Once the Kickstart™ timer has finished its count
the primary current limiting circuit takes over and holds
IOUT to its programmed limit for as long as the excessive
load persists.
Once the switch drops out of current limiting the
Kickstart™ timer initiates a lock-out period of 128ms
such that no further bursts of current above the primary
current limit, will be allowed until the lock-out period has
expired.
Kickstart™ may be over-ridden by the thermal
protection circuit and if sufficient internal heating
occurs, Kickstart™ will be terminated and IOUT
0A.
Upon cooling, if the load is still present IOUT
ILIMIT, not
ILIMIT_2nd.
Figure 11. Kickstart™
Automatic Load Discharge
2003
2004
2005X
2006
2007
2008
2009X
2013
2014
2015
2016
2017
2018
2019X
Only parts in bold have automatic load discharge.
Automatic discharge is a valuable feature when it is
desirable to quickly remove charge from the VOUT pin.
This allows for a quicker power-down of the load. This
also prevents any charge from being presented to a
device being connected to the VOUT pin, for example,
USB, 1394, PCMCIA, and CableCARD™.
Automatic discharge is performed by a shunt MOSFET
from VOUT pin to GND. When the switch is disabled, a
break before make action is performed turning off the
main power MOSFET and then enabling the shunt
MOSFET. The total resistance of the MOSFET and
internal resistances is typically 126Ω.
Supply Filtering
A minimum 1μF bypass capacitor positioned close to
the VIN and GND pins of the switch is both good design
practice and required for proper operation of the switch.
This will control supply transients and ringing. Without a
bypass capacitor, large current surges or a short may
cause sufficient ringing on VIN (from supply lead
inductance) to cause erratic operation of the switch’s
control circuitry. For best-performance good quality,
low-ESR capacitors are recommended, preferably
ceramic.
When bypassing with capacitors of 10μF and up, it is
good practice to place a smaller value capacitor in
parallel with the larger to handle the high frequency
components of any line transients. Values in the range
of 0.01μF to 0.1μF are recommended. Again, good
quality, low-ESR capacitors should be chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com