Electronic Components Datasheet Search
  English  ▼

X  

AD8113JSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8113JSTZ
Description  Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8113JSTZ Datasheet(HTML) 5 Page - Analog Devices

  AD8113JSTZ Datasheet HTML 1Page - Analog Devices AD8113JSTZ Datasheet HTML 2Page - Analog Devices AD8113JSTZ Datasheet HTML 3Page - Analog Devices AD8113JSTZ Datasheet HTML 4Page - Analog Devices AD8113JSTZ Datasheet HTML 5Page - Analog Devices AD8113JSTZ Datasheet HTML 6Page - Analog Devices AD8113JSTZ Datasheet HTML 7Page - Analog Devices AD8113JSTZ Datasheet HTML 8Page - Analog Devices AD8113JSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. A
AD8113
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8113 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
POWER DISSIPATION
The AD8113 is operated with
± 5 V to ± 12 V supplies and
can drive loads down to 150
Ω (± 5 V) or 600 Ω (± 12 V),
resulting in a large range of possible power dissipations. For
this reason, extra care must be taken derating the operating
conditions based on ambient temperature.
Packaged in a 100-lead LQFP, the AD8113 junction-to-ambient
thermal impedance (
θJA) is 40°C/W. For long-term reliability,
the maximum allowed junction temperature of the plastic-
encapsulated die should not exceed 150
°C. Temporarily exceeding
this limit may cause a shift in parametric performance due to a
change in the stresses exerted on the die by the package. Exceeding
a junction temperature of 175
°C for an extended period can result
in device failure. The following curve shows the range of allowed
power dissipations that meet these conditions over the commercial
range of ambient temperatures.
4.0
3.5
2.0
050
10
20
30
40
3.0
2.5
70
60
AMBIENT TEMPERATURE – C
TJ = 150 C
Figure 3. Maximum Power Dissipation vs. Ambient
Temperature
ABSOLUTE MAXIMUM RATINGS
1
Analog Supply Voltage (AVCC – AVEE) . . . . . . . . . . . . 26.0 V
Digital Supply Voltage (DVCC – DGND) . . . . . . . . . . . . . . 6 V
Ground Potential Difference (AGND – DGND) . . . . .
±0.5 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . . . 3.1 W
Analog Input Voltage
3 . . . . . . . . . . . Maintain Linear Output
Digital Input Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . DVCC
Output Voltage (Disabled Output)
. . . . . . . . . . . . . . . . . . . . (AVCC – 1.5 V) to (AVEE + 1.5 V)
Output Short-Circuit Duration . . . . . . . . . . . . . . Momentary
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air (TA = 25
°C):
100-lead plastic LQFP (ST):
θJA = 40°C/W.
3To avoid differential input breakdown, in no case should one-half the output
voltage (1/2 VOUT) and any input voltage be greater than 10 V potential differen-
tial. See output voltage swing specification for linear output range.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8113JST
0
°C to 70°C
100-Lead Plastic LQFP (14 mm
× 14 mm)
ST-100
AD8113-EVAL
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com