Electronic Components Datasheet Search
  English  ▼

X  

AD8113JSTZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8113JSTZ
Description  Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8113JSTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8113JSTZ Datasheet HTML 9Page - Analog Devices AD8113JSTZ Datasheet HTML 10Page - Analog Devices AD8113JSTZ Datasheet HTML 11Page - Analog Devices AD8113JSTZ Datasheet HTML 12Page - Analog Devices AD8113JSTZ Datasheet HTML 13Page - Analog Devices AD8113JSTZ Datasheet HTML 14Page - Analog Devices AD8113JSTZ Datasheet HTML 15Page - Analog Devices AD8113JSTZ Datasheet HTML 16Page - Analog Devices AD8113JSTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REV. A
AD8113
–13–
100ns/DIV
500mV/DIV
TPC 25. Large Signal Pulse Response, VS =
±5 V,
RL = 150
Ω
100ns/DIV
2V/DIV
TPC 26. Switching Time, VS =
±5 V, RL = 150 Ω
100ns/DIV
1V/DIV
20mV/DIV
OUTPUT
TPC 27. Switching Transient, VS =
±5 V, RL = 150 Ω
100ns/DIV
5V/DIV
TPC 28. Large Signal Pulse Response, VS =
±12 V,
RL = 600
Ω
10V/DIV
100ns/DIV
2V/DIV
TPC 29. Switching Time, VS =
±12 V, RL = 600 Ω
100ns/DIV
1V/DIV
20mV/DIV
OUTPUT
TPC 30. Switching Transient, VS =
±12 V, RL = 600 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com